Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AA4040NC Datasheet(PDF) 2 Page - Kingbright Corporation

No. de pieza AA4040NC
Descripción Electrónicos  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA4040NC Datasheet(HTML) 2 Page - Kingbright Corporation

  AA4040NC Datasheet HTML 1Page - Kingbright Corporation AA4040NC Datasheet HTML 2Page - Kingbright Corporation AA4040NC Datasheet HTML 3Page - Kingbright Corporation AA4040NC Datasheet HTML 4Page - Kingbright Corporation AA4040NC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1237
REV NO: V.4
DATE: JUN/30/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1201000449
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Pure Orange
607
nm
IF=20mA
λD
Dominant Wavelength
Pure Orange
610
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Pure Orange
35
nm
IF=20mA
C
Capacitance
Pure Orange
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Pure Orange
2.05
2.5
V
IF=20mA
IR
Reverse Current
Pure Orange
10
uA
VR = 5V
Parameter
Pure Orange
Units
Power dissipation
105
mW
DC Forward Current
25
mA
Peak Forward Current [1]
145
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
AA4040NC
PURE ORANGE (GaAsP/GaP)
WATER CLEAR
10
30
90
°
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.


Número de pieza similar - AA4040NC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AA4040 KINGBRIGHT-AA4040 Datasheet
99Kb / 5P
   4.0 X 4.0 MM SURFACE MOUNT LED LAMP
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040CGCK TO-GRACE-AA4040CGCK Datasheet
840Kb / 4P
   4.0 x 4.0 mm Right Angle Surface Mount LED Lamp
logo
Kingbright Corporation
AA4040CGSK KINGBRIGHT-AA4040CGSK Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040CGSK TO-GRACE-AA4040CGSK Datasheet
1Mb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results

Descripción similar - AA4040NC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SESK KINGBRIGHT-AA4040SESK Datasheet
295Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SRS KINGBRIGHT-AA4040SRS Datasheet
294Kb / 6P
   4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com