Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AA4040PBC Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. AA4040PBC
Descripción  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

AA4040PBC Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAF4275
REV NO: V.4
DATE: MAY/08/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1201001693
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
AA4040PBC/A
Blue (InGaN)
WATER CLEAR
36
120
90
°
Iv (mcd) [2]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Blue
468
nm
IF=20mA
λD [1]
Dominant Wavelength
Blue
470
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Blue
21
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Blue
3.2
4
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR=5V
Parameter
Blue
Units
Power dissipation
120
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
AA4040CGCK4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA4040MGC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA4040NC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SRCPRV2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SYC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106SYCK2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106VGC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106YC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106ZGC2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation
APA2106CGCK2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn