Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2021-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2021-Q1
Descripción Electrónicos  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2021-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2021-Q1 Datasheet HTML 3Page - Texas Instruments TPS2021-Q1 Datasheet HTML 4Page - Texas Instruments TPS2021-Q1 Datasheet HTML 5Page - Texas Instruments TPS2021-Q1 Datasheet HTML 6Page - Texas Instruments TPS2021-Q1 Datasheet HTML 7Page - Texas Instruments TPS2021-Q1 Datasheet HTML 8Page - Texas Instruments TPS2021-Q1 Datasheet HTML 9Page - Texas Instruments TPS2021-Q1 Datasheet HTML 10Page - Texas Instruments TPS2021-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS2020Q1, TPS2021Q1
TPS2022Q1, TPS2023Q1, TPS2024Q1
POWERDISTRIBUTION SWITCHES
SGLS260C − SEPTEMBER 2004 − REVISED NOVEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
RL
CL
OUT
tr
tf
90%
90%
10%
10%
50%
50%
90%
10%
VO(OUT)
VI(EN)
VO(OUT)
VOLTAGE WAVEFORMS
TEST CIRCUIT
ton
toff
Figure 1. Test Circuit and Voltage Waveforms
Table of Timing Diagrams
FIGURE
Turnon Delay and Rise TIme
2
Turnoff Delay and Fall Time
3
Turnon Delay and Rise TIme with 1-
µF Load
4
Turnoff Delay and Rise TIme with 1-
µF Load
5
Device Enabled into Short
6
TPS2020, TPS2021, TPS2022, TPS2023, and TPS2024, Ramped Load on Enabled Device
7, 8, 9,
10, 11
TPS2024, Inrush Current
12
7.9-
Ω Load Connected to an Enabled TPS2020 Device
13
3.7-
Ω Load Connected to an Enabled TPS2020 Device
14
3.7-
Ω Load Connected to an Enabled TPS2021 Device
15
2.6-
Ω Load Connected to an Enabled TPS2021 Device
16
2.6-
Ω Load Connected to an Enabled TPS2022 Device
17
1.2-
Ω Load Connected to an Enabled TPS2022 Device
18
1.2-
Ω Load Connected to an Enabled TPS2023 Device
19
0.9-
Ω Load Connected to an Enabled TPS2023 Device
20
0.9-
Ω Load Connected to an Enabled TPS2024 Device
21
0.5-
Ω Load Connected to an Enabled TPS2024 Device
22


Número de pieza similar - TPS2021-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2021-Q1 TI1-TPS2021-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2021-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com