Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS61059DRCR Datasheet(PDF) 9 Page - Texas Instruments

No. de Pieza. TPS61059DRCR
Descripción  SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS61059DRCR Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
SW
(2 V/div)
I (200 mA/div)
L
I
(200mA/div)
LED
V
(10 mV/div - 3.8 V OFFSET)
OUT
V = 4.5 V, I
= 500 mA
I
LED
t - Time - 500 ns/div
EN (1 V/div)
t - Time - 5 ms/div
I (200 mA/div)
L
V
(1 V/div)
OUT
I
(200 mA/div)
LED
V = 3.6 V
I
V
(1 V/div)
OUT
I
(200 mA/div)
LED
I (500 mA/div)
L
t - Time - 50 s/div
m
EN (1 V/div)
V
(1 V/div)
OUT
I
(50 mA/div)
LED
I (100 mA/div)
L
t - Time - 200 s/div
m
TPS61058
TPS61059
SLVS572B – APRIL 2005 – REVISED DECEMBER 2005
TPS61058
TPS61058
SWITCHING WAVEFORMS IN DOWN MODE
HIGH CURRENT FLASHLIGHT PULSE WAVEFORM
Figure 11.
Figure 12.
TPS61058
TPS61058
TORCH TO FLASHLIGHT TRANSISTION
START-UP AFTER ENABLE
Figure 13.
Figure 14.
9


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30