Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61059DRCR Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza TPS61059DRCR
Descripción Electrónicos  SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61059DRCR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61059DRCR Datasheet HTML 8Page - Texas Instruments TPS61059DRCR Datasheet HTML 9Page - Texas Instruments TPS61059DRCR Datasheet HTML 10Page - Texas Instruments TPS61059DRCR Datasheet HTML 11Page - Texas Instruments TPS61059DRCR Datasheet HTML 12Page - Texas Instruments TPS61059DRCR Datasheet HTML 13Page - Texas Instruments TPS61059DRCR Datasheet HTML 14Page - Texas Instruments TPS61059DRCR Datasheet HTML 15Page - Texas Instruments TPS61059DRCR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.ti.com
Softstart
Overvoltage Protection (OVP)
Efficiency and Sense Voltage
Thermal Shutdown
TPS61058
TPS61059
SLVS572B – APRIL 2005 – REVISED DECEMBER 2005
DETAILED DESCRIPTION (continued)
To avoid high inrush current during start-up, special care is taken to control the inrush current. When the device
is first enabled, the output capacitor is charged with a constant pre-charge current of 115mA (typ) until either the
output voltage is typically 0.1V below the input voltage or the feedback voltage is 500mV (typ). The rectifying
switch is current limited during the pre-charge phase. This also limits the output current under short circuit
conditions at the output.
The fixed pre-charge current during start-up allows the device to start up without problems when driving single
die white LEDs as long as the LED start-up current is set to a value lower than the pre-charge current (84 mA
min.). Refer to the application section for more details.
When the device has finished start-up and is ready for high current operation, the device forces IOK output to
ground, starts switching and regulates the LED current to the desired value (e.g. torch or flashlight current level).
As with any current source, the output voltage rises when the load becomes high impedance or gets
disconnected. To prevent the output voltage exceeding the maximum switch voltage rating (7 V) of the main
switch, an overvoltage protection circuit is integrated. As soon as the output voltage exceeds the OVP threshold,
the converter stops switching and the output voltage decreases. When the output voltage falls below the OVP
threshold, the converter continues operation until the output voltage exceeds the OVP threshold again.
The voltage across the sense resistor (RS) has a direct effect of the converter efficiency. Because the sense
voltage does not contribute to the output power (PLED), the lower this voltage the higher the efficiency. It is
therefore recommended to operate with a sense voltage of approximately 0.75V at maximum LED current.
An internal thermal shutdown is implemented and turns off the internal MOSFETs when the typical junction
temperature of 140
°C is exceeded. The thermal shutdown has a hysteresis of typically 20°C. Refer to the
Thermal Information section.
12


Número de pieza similar - TPS61059DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61050 TI-TPS61050 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRC TI-TPS61050DRC Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCR TI-TPS61050DRCR Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
TPS61050DRCR TI1-TPS61050DRCR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050DRCRG4 TI-TPS61050DRCRG4 Datasheet
1Mb / 45P
[Old version datasheet]   1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
More results

Descripción similar - TPS61059DRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Linear Technology
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
logo
Richtek Technology Corp...
RT9278 RICHTEK-RT9278 Datasheet
205Kb / 13P
   High Efficiency Boost LDO Converter & High Power White LED Driver
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com