Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ACDA02-41PBWA Datasheet(PDF) 5 Page - Kingbright Corporation

No. de Pieza. ACDA02-41PBWA
Descripción  SURFACE MOUNT DISPLAY
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

ACDA02-41PBWA Datasheet(HTML) 5 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAG0214
REV NO: V.2
DATE: MAR/22/2006
PAGE: 5 OF 5
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1352000349
PACKING & LABEL SPECIFICATIONS
ACDA02-41PBWA/A-F01


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MXB-0502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-17HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2201-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
HM67Surface Mount Common Mode Chokes 1 2 3 4 5 List of Unclassifed Manufacturers
NX8045GBSURFACE MOUNT TYPE CRYSTAL UNITS 1 List of Unclassifed Manufacturers
8400-XXXInductors Surface Mount Drum Core Power Inductors 1 Filtran LTD
BYM13-20Surface Mount Schottky Barrier Rectifier 1 2 3 4 Seme LAB
BZX84C2V4ET1_05Zener Voltage Regulators 225 mW SOT-23 Surface Mount 1 2 3 4 5 MoreON Semiconductor

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn