Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ACDA56-41PBWA Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. ACDA56-41PBWA
Descripción  SURFACE MOUNT DISPLAY
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

ACDA56-41PBWA Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAG0243
REV NO: V.2
DATE: MAR/22/2006
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP:1352000337
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
ACDA56-41PBWA/A-F01
BLUE (InGaN)
WHITE DIFFUSED
1900
9000
Common Anode, Rt.
Hand Decimal.
Description
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Blue
468
nm
IF=20mA
λD[1]
Dominant Wavelength
Blue
470
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Blue
21
nm
IF=20mA
C
Capacitance
Blue
100
pF
VF=0V;f=1MHz
VF[2]
Forward Voltage
Blue
3.3
3.8
V
IF=20mA
IR
Reverse Current
Blue
10
uA
VR = 5V
Parameter
Blue
Units
Power dissipation
114
mW
DC Forward Current
30
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Note:
1
.Luminous Intensity/ Luminous Flux: +/-15%.
Notes:
1.Wavelength: +/-1nm
2.Forward Voltage: +/-0.1V


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
ACDA02-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA03-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
ACDA04-41PBWASURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
MXB-0501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1002-7HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1502-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXJ-2001-17SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
443SURFACE MOUNT FUSES 1 Littelfuse
SRDA05-4R2Low Capacitance Surface Mount TVS for High−Speed Data Interfaces 1 2 3 4 5 MoreON Semiconductor
SEC10033x1.5 Surface Mount LED Inner Lens 1 Sanken electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn