Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AUP2G126DC Datasheet(PDF) 11 Page - NXP Semiconductors

No. de pieza 74AUP2G126DC
Descripción Electrónicos  Low-power dual buffer/line driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP2G126DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G126DC Datasheet HTML 7Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 8Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 9Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 10Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 11Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 12Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 13Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 14Page - NXP Semiconductors 74AUP2G126DC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74AUP2G126_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 9 October 2006
11 of 19
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
ten is the same as tPZH and tPZL.
[4]
tdis is the same as tPHZ and tPLZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
output enabled; fi = 1 MHz;
VI = GND to VCC
[5]
VCC = 0.8 V
-
2.7
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
2.8
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
2.9
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
3.0
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
3.6
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
4.2
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 6.
The data input (nA) to output (nY) propagation delays
mna230
tPHL
tPLH
VM
VM
nA input
nY output
GND
VI
VOH
VOL
Table 9.
Measurement points
Supply voltage
Output
Input
VCC
VM
VM
VI
tr = tf
0.8 V to 3.6 V
0.5
× V
CC
0.5
× V
CC
VCC
≤ 3.0 ns


Número de pieza similar - 74AUP2G126DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G126DC NXP-74AUP2G126DC Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
logo
Nexperia B.V. All right...
74AUP2G126DC NEXPERIA-74AUP2G126DC Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
More results

Descripción similar - 74AUP2G126DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 NXP-74AUP2G126 Datasheet
117Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 05-2 February 2009
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com