Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7807UBE4 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza ADS7807UBE4
Descripción Electrónicos  Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807UBE4 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7807UBE4 Datasheet HTML 2Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 3Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 4Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 9Page - Burr-Brown (TI) ADS7807UBE4 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADS7807
6
SBAS022C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, fS = 40kHz, VDIG = VANA = +5V, and using internal reference and fixed resistors (see Figure 7b), unless otherwise specified.
3
2
1
0
–1
–2
–3
3
2
1
0
–1
–2
–3
0
8192
16384 24576 32768
Decimal Code
40960 49152
57344 65535
All Codes INL
All Codes DNL
POWER-SUPPLY RIPPLE SENSITIVITY
INL/DNL DEGRADATION PER LSB OF P-P RIPPLE
Power-Supply Ripple Frequency (Hz)
101
102
103
104
105
106
107
1
10–1
10–2
10–3
10–4
10–5
INL
DNL
3
2
1
0
–1
–2
0.20
0
–0.20
0.20
0
–0.20
–75
–50
–25
0
25
Temperature (
°C)
50
75
100
125
150
ENDPOINT ERRORS (20V Bipolar Range)
BPZ Error
+F
S Error
–F
S Error
3
2
1
0
–1
–2
0.40
0.20
0
0.40
0.20
0
–75
–50
–25
0
25
Temperature (
°C)
50
75
100
125
150
ENDPOINT ERRORS (Unipolar Ranges)
UPO Error
+F
S Error (4V Range)
–F
S Error (5V Range)
INTERNAL REFERENCE VOLTAGE vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
150
2.520
2.515
2.510
2.505
2.500
2.495
2.490
2.485
2.480
CONVERSION TIME vs TEMPERATURE
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
150
19.4
19.2
19
18.8
18.6


Número de pieza similar - ADS7807UBE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7807UBE4 BURR-BROWN-ADS7807UBE4 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7807UBE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com