Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74BCT245NE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74BCT245NE4
Descripción Electrónicos  OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT245NE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74BCT245NE4 Datasheet HTML 2Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 3Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 4Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 5Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 6Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 7Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 8Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 9Page - Texas Instruments SN74BCT245NE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN54BCT245, SN74BCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS013H – SEPTEMBER 1998 – REVISED MAY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figures 2 through 5 show the typical power dissipation for an SN74BCT245 over variations in outputs switching,
output frequency, and capacitive load.
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 15 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 100 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 150 pF
VCC = 5.5 V
TA = 70°C
RL = 500 Ω
Air Flow = 0
CL = 50 pF
f – Frequency – MHz
f – Frequency – MHz
f – Frequency – MHz
f – Frequency – MHz
10
20
30
40
750
600
450
300
150
900
Four Switching
10
20
30
40
1250
1000
750
500
250
1500
1250
1000
750
500
250
1500
10
20
30
40
10
20
30
40
Four Switching
One Switching
Four Switching
Eight Switching
Eight Switching
1000
800
600
400
200
1200
1050
0
050
1400
0
50
0
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
POWER DISSIPATION
vs
FREQUENCY
0
1750
050
1750
0
050
One Switching
Figure 2
Figure 3
Figure 4
Figure 5
Eight Switching
Four Switching
One Switching
One Switching
Eight Switching
† The dashed lines are for the DB package only.


Número de pieza similar - SN74BCT245NE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74BCT245N TI-SN74BCT245N Datasheet
102Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Descripción similar - SN74BCT245NE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com