Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4046AM Datasheet(PDF) 11 Page - Texas Instruments |
|
|
CD74HC4046AM Datasheet(HTML) 11 Page - Texas Instruments |
11 / 32 page 11 Center Frequency C1 = 40pF R1 = 3kΩ R2 = ∞ VCOIN = VCC/2 3 7 10 - - - - - MHz 4.5 12 17 - - - - - MHz 6 14 21 - - - - - MHz Frequency Linearity ∆fVCO R1 = 100kΩ R2 = ∞ C1 = 100pF 3 - 0.4 - - - - - % 4.5 - 0.4 - - - - - % 6 - 0.4 - - - - - % Offset Frequency R2 = 220kΩ C1 = 1nF 3 - 400 - - - - - kHz 4.5 - 400 - - - - - kHz 6 - 400 - - - - - kHz DEMODULATOR SECTION VOUT VS fIN R1 = 100kΩ R2 = ∞ C1 = 100pF RS = 10kΩ R3 = 100kΩ C2 = 100pF 3 - - - - - - - mV/kHz 4.5 - 330 - - - - - mV/kHz 6 - - - - - - - mV/kHz HCT TYPES PHASE COMPARATOR SECTION Propagation Delay tPHL, tPLH SIGIN, COMPIN to PCIOUT CL = 50pF 4.5 - - 45 - 56 - 68 ns SIGIN, COMPIN to PCPOUT tPHL, tPLH CL = 50pF 4.5 - - 68 - 85 - 102 ns SIGIN, COMPIN to PC3OUT tPHL, tPLH CL = 50pF 4.5 - - 58 - 73 - 87 ns Output Transition Time tTLH, tTHL CL = 50pF 4.5 - - 15 - 19 - 22 ns Output Enable Time, SIGIN, COMPIN to PC2OUT tPZH, tPZL CL = 50pF 4.5 - - 60 - 75 - 90 pF Output Disable Time, SIGIN, COMPIN to PCZOUT tPHZ, tPLZ CL = 50pF 4.5 - - 68 - 85 - 102 pF AC Coupled Input Sensitivity (P-P) at SIGIN or COMPI VI(P-P) 4.5 - 15 - - - - - mV VCO SECTION Frequency Stability with Temperature Change ∆f ∆T R1 = 100kΩ, R2 = ∞ 4.5 - 0.11 - - - - - %/oC Maximum Frequency fMAX C1 = 50pF R1 = 3.5kΩ R2 = ∞ 4.5 - 24 - - - - - MHz C1 = 0pF R1 = 9.1kΩ R2 = ∞ 4.5 - 38 - - - - - MHz Center Frequency C1 = 40pF R1 = 3kΩ R2 = ∞ VCOIN = VCC/2 4.5 12 17 - - - - - MHz Frequency Linearity ∆fVCO R1 = 100kΩ R2 = ∞ C1 = 100pF 4.5 - 0.4 - - - - - % Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A |
Número de pieza similar - CD74HC4046AM |
|
Descripción similar - CD74HC4046AM |