Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C512-10C1 Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza M27C512-10C1
Descripción Electrónicos  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-10C1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M27C512-10C1 Datasheet HTML 5Page - STMicroelectronics M27C512-10C1 Datasheet HTML 6Page - STMicroelectronics M27C512-10C1 Datasheet HTML 7Page - STMicroelectronics M27C512-10C1 Datasheet HTML 8Page - STMicroelectronics M27C512-10C1 Datasheet HTML 9Page - STMicroelectronics M27C512-10C1 Datasheet HTML 10Page - STMicroelectronics M27C512-10C1 Datasheet HTML 11Page - STMicroelectronics M27C512-10C1 Datasheet HTML 12Page - STMicroelectronics M27C512-10C1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
M27C512
Erasure operation (applies for UV EPROM)
9/22
3
Erasure operation (applies for UV EPROM)
The erasure characteristics of the M27C512 is such that erasure begins when the cells are
exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range.
Research shows that constant exposure to room level fluorescent lighting could erase a
typical M27C512 in about 3 years, while it would take approximately 1 week to cause
erasure when exposed to direct sunlight. If the M27C512 is to be exposed to these types of
lighting conditions for extended periods of time, it is suggested that opaque labels be put
over the M27C512 window to prevent unintentional erasure. The recommended erasure
procedure for the M27C512 is exposure to short wave ultraviolet light which has wavelength
2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a
minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20
minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27C512 should be
placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps have a filter
on their tubes which should be removed before erasure.


Número de pieza similar - M27C512-10C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C512-10C1 STMICROELECTRONICS-M27C512-10C1 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-10C1 STMICROELECTRONICS-M27C512-10C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-10C1E STMICROELECTRONICS-M27C512-10C1E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-10C1F STMICROELECTRONICS-M27C512-10C1F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-10C1TR STMICROELECTRONICS-M27C512-10C1TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Descripción similar - M27C512-10C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com