Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7541AKU Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No. de pieza DAC7541AKU
Descripción Electrónicos  Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7541AKU Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DAC7541AKU Datasheet HTML 2Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 3Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 4Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 5Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 6Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 7Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 8Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 9Page - Burr-Brown (TI) DAC7541AKU Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
DAC7541A
FIGURE 2. DAC7541A Equivalent Circuit (All inputs
LOW).
FIGURE 3. DAC7541A Equivalent Circuit (All inputs
HIGH).
1/4096
I
L
90pF
I
L
60pF
R = 10k
R
FB
I
OUT 1
I
OUT 2
I
REF
V
REF
R
≈ 10kΩ
1/4096
I
L
90pF
I
L
55pF
R = 10k
R
FB
I
OUT 2
I
OUT 1
R
≈ 10kΩ
I
REF
V
REF
amplifier, board layout, and power supply decoupling will
all affect the dynamic performance of the DAC7541A. The
use of a compensation capacitor may be required when high-
speed operational amplifiers are used. It may be connected
across the amplifier’s feedback resistor to provide the nec-
essary phase compensation to critically dampen the output.
See Figures 4 and 6.
APPLICATIONS
OP AMP CONSIDERATIONS
The input bias current of the op amp flows through the
feedback resistor, creating an error voltage at the output of
the op amp. This will show up as an offset through all codes
of the transfer characteristics. A low bias current op amp
such as the OPA606 is recommended.
Low offset voltage and VOS drift are also important. The
output impedance of the DAC is modulated with the digital
code. This impedance change (approximately 10k
Ω to 30kΩ)
is a change in closed-loop gain to the op amp. The result is
that VOS will be multiplied by a factor of one to two
depending on the code. This shows up as a linearity error.
Offset can be adjusted out using Figure 4. Gain may be
adjusted using Figure 5.
UNIPOLAR BINARY OPERATION
(Two-Quadrant Multiplication)
Figure 4 shows the analog circuit connections required for
unipolar binary (two-quadrant multiplication) operation. With
a DC reference voltage or current (positive or negative
polarity) applied at pin 17, the circuit is a unipolar D/A
converter. With an AC reference voltage or current, the
circuit provides two-quadrant multiplication (digitally con-
trolled attenuation). The input/output relationship is shown
in Table I.
BINARY INPUT
ANALOG OUTPUT
MSB
LSB
1111 1111 1111
–VREF (4095/4096)
1000 0000 0000
–VREF (2048/4096)
0000 0000 0001
–VREF (1/4096)
0000 0000 0000
0V
TABLE I. Unipolar Codes.
C1 phase compensation (10 to 25pF) in Figure 4 may be
required for stability when using high speed amplifiers. C1
is used to cancel the pole formed by the DAC internal
feedback resistance and output capacitance at Out1.
R
1 in Figure 5 provides full scale trim capability—load the
DAC register to 1111 1111 1111, adjust R1 for VOUT = –
V
REF (4095/4096). Alternatively, full scale can be adjusted
by omitting R1 and R2 and trimming the reference voltage
magnitude.
BIPOLAR FOUR-QUADRANT OPERATION
Figure 6 shows the connections for bipolar four-quadrant
operation. Offset can be adjusted with the A
1 to A2 summing
resistor, with the input code set to 1000 0000 0000. Gain
may be adjusted by varying the feedback resistor of A
2. The
input/output relationship is shown in Table II.
BINARY INPUT
ANALOG OUTPUT
MSB
LSB
1111 1111 1111
+VREF (2047/2048)
1000 0000 0000
0V
0111 1111 1111
–VREF (1/2048)
0000 0000 0000
–VREF (2048/2048)
TABLE II. Bipolar Codes.


Número de pieza similar - DAC7541AKU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7541A BURR-BROWN-DAC7541A Datasheet
109Kb / 8P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7541AKU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC7541A BURR-BROWN-DAC7541A Datasheet
109Kb / 8P
   Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
   15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com