Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

APB3025NSGC-F01 Datasheet(PDF) 3 Page - Kingbright Corporation

No. de Pieza. APB3025NSGC-F01
Descripción  3.0x2.5mm SURFACE MOUNT LED LAMP
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

APB3025NSGC-F01 Datasheet(HTML) 3 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAF0205
REV NO: V.1
DATE: FEB/22/2005
PAGE: 3 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP: 1203000712-01
APB3025NSGC-F01
Pure Orange


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
APB3025ESGC-F013.0x2.5mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
APB3025EYC-F013.0x2.5mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AA3020CGCK3.0x2.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
APTF3216PBAVGASUK3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AA4040PBC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060PBC_15.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 Kingbright Corporation
AAA5060SURVGAPBEC5.0mm x 6.0mm FULL COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation
AA2734ESGC_052.7x3.4mm SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA4040PGC4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA5060PBS5.0X6.0mm SURFACE MOUNT LED LAMP 1 2 3 4 5 MoreKingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn