Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

WP59BL-EGW Datasheet(PDF) 1 Page - Kingbright Corporation

No. de Pieza. WP59BL-EGW
Descripción  T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED INDICATOR
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

WP59BL-EGW Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAF2081
REV NO: V.2
DATE: MAY/21/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1102001720
T-1 3/4 (5mm) BI-COLOR RIGHT ANGLE LED
INDICATOR
Part Number: WP59BL/EGW
High Efficiency Red
Green
Features
PRE-TRIMMED LEADS FOR PC BOARD MOUNTING.
3 LEADS WITH COMMON CATHODE LEAD.
I.C. COMPATIBLE.
BLACK CASE ENHANCES CONTRAST RATIO.
WIDE VIEWING ANGLE.
HIGH RELIABILITY - LIFE MEASURED IN YEARS.
UL RATING : 94V-0.
HOUSING MATERIAL: TYPE 66 NYLON.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
WP57EYWT-1 3/4 5mm BI-COLOR INDICATOR LAMP 1 2 3 4 5 MoreKingbright Corporation
WP57GYWT-1 3/4 5mm BI-COLOR INDICATOR LAMP 1 2 3 4 5 MoreKingbright Corporation
W57EYWT-1 3/4 5mm BI-COLOR INDICATOR LAMP 1 2 3 Kingbright Corporation
WP57EGWT-1 3/4 5mm BI-COLOR INDICATOR LAMP 1 2 3 4 5 MoreKingbright Corporation
APBA3210SYKCGKC-F013.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP 1 2 3 4 5 MoreKingbright Corporation
IR7393C5mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
APBA3210YSGC-F013.2x1.0mm RIGHT ANGLE BI-COLOR SMD CHIP LED LAMP 1 2 3 4 5 MoreKingbright Corporation
HIR3335mm Infrared LED T-1 3/4 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
PL5055mm LED Single Right Angle Holder 1 List of Unclassifed Manufacturers
PL5065mm LED Single Right Angle Holder 1 List of Unclassifed Manufacturers

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn