Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

WP93A8EWP-YDTG0L Datasheet(PDF) 3 Page - Kingbright Corporation

No. de Pieza. WP93A8EWP-YDTG0L
Descripción  T-1 (3mm) RIGHT ANGLE LED INDICATOR
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

WP93A8EWP-YDTG0L Datasheet(HTML) 3 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAF1852
REV NO: V.4
DATE: SEP/20/2006
PAGE: 3 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1102004091
Yellow
WP93A8EWP/YDTG0L


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
WP93A8EWP-GDTG0LT-1 3mm RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP93A8EWP-IDTG0LT-1 3mm RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP42WUM-EGW3mm RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP59BL-EYWT-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP42WUM-EYW3mm RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP59BL-GYWT-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP42WUM-GYW3mm RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP59CB-EGWT-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP59CB-EYWT-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation
WP59CB-GYWT-1 3/4 5mm BI-COLOR RIGHT ANGLE LED INDICATOR 1 2 3 4 5 Kingbright Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn