Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NMC-H1808 Datasheet(PDF) 2 Page - NIC-Components Corp.

No. de Pieza. NMC-H1808
Descripción  Multilayer Ceramic Chip Capacitors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NIC [NIC-Components Corp.]
Página de inicio  http://www.niccomp.com
Logo 

NMC-H1808 Datasheet(HTML) 2 Page - NIC-Components Corp.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
28
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
FEATURES
• UL &TUV X2/Y3 SAFETY CAPACITORS
• NPO AND X7R DIELECTRICS
• FOR ACROSS THE LINE AND LINE BYPASS
AVAILABLE VALUES AND
THICKNESS DIMENSIONS (T in mm)
SAFETY APPROVALS
NMC-H 1808 NPO 330 J 3KV X2Y3 TRPLP F
Pb-free/RoHS Compliant
Tape & Reel (Plastic carrier)
Safety Classification
Voltage (Vdc)
Capacitance Tolerance Code: J=5%, K=10%
Capacitance Code, expressed in pF, first 2 digits are
significant, 3rd digit is no. of zeros, “R” indicates
decimal for under 10pF
Temperature Characteristic: NPO or X7R (see specifications table)
Size Code (see chart)
Series
PART NUMBER SYSTEM
Multilayer Ceramic Chip Capacitors
NMC-H Series
CERTIFICATE
CERTIFICATE
CASE DIMENSIONS (mm)
EIA Code
L
W
P
G
1808
4.8 ± 0.30
2.0 ± 0.30
0.30 min.
3.2 min.
QUANTITY PER REEL (T)
Part
Thickness
Quantity
1.6 ± 0.2
2,000
2.0 ± 0.2
1,000
SPECIFICATIONS
NPO
X7R
Operating Temperature Range
-55°C ~ +125°C
-55°C ~ +125°C
Temperature Characteristics
C<10pF ±150ppm
C>10pF ±30ppm
±15% with 0 VDC Applied
Dissipation Factor
0.3% max. @ 1MHz for <1000pF
0.1% max. @ 1KHz for >1000pF
±2.5% max. @ 1KHz
1.0Vrms and 25°C
Insulation Resistance
100,000Meg
Ω min. or
1,000Meg
Ω/µF whichever is less
(+25°C after 1 minute at 500VDC)
100,000Meg
Ω or
500Meg
Ω/µF whichever is less
(+25°C after 1 minute at 500VDC)
Capacitance Range
5pF ~ 330pF
150pF ~ 1,500pF
Capacitance Tolerance
±5% (J)
±10% (K)
±10% (K)
Rated Voltage
3KVdc/250Vac
Load Life
Load Life 1,000 hours at 125°C
(X2 @ 312.5Vac, Y3 @ 425Vac)
No visible damage after 24 ± 2 hours
∆C/C ±10% or 1pF, whichever is greater,
DF < 200%, IR > 1,000Meg
No visible damage after 48 ± 4 hours
∆C/C ±15%, DF < 7%, IR > 2,000MegΩ
Dielectric Withstanding Voltage
X = 1,075Vac
Y = 1,500Vac
for 1 minute; 50mA max.
Capacitance
Value
NPO
X7R
5pF
1.60 ± 0.2
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
1.60 ± 0.2
180
2.00 ± 0.2
220
270
330
470
560
680
820
2.00 ± 0.2
0.001
µF
0.0012
0.0015
Agency
Standard
UL
1414
TUV
EN132400
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Html Pages

1  2  3