Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MA4E2200 Datasheet(PDF) 5 Page - Tyco Electronics

No. de Pieza. MA4E2200
Descripción  Surface Mount Zero Bias Schottky Detector Diodes
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo 

MA4E2200 Datasheet(HTML) 5 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Surface Mount Schottky Detector Diodes
MA4E2200 Series
Specification Subject to Change Without Notice
M/A-COM, Inc. ________________________________________________________________________________ 5
North America: Tel. (800) 366-2266
Asia/Pacific:
Tel.
+81-44-884-8296
Europe:
Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax
+81-44-884-8298
Fax
+44 (1344) 300 020
Case Styles
SOT-23
F
D
H
J
A
G
L
C
E
B
K
N
M
SOT-143
G
J
E
K
A
H
M
C
F
B
L
P
N
D
SOT-23 (Case 287)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1,22
B
0.008
0,20
C
0.040
1,00
D
0.013
0.020
0,35
0,50
E
0.003
0.006
0,08
0,15
F
0.110
0.119
2,80
3,00
G
0.047
0.056
1,20
1,40
H
0.037 typical
0,95 typical
J
0.075 typical
1,90 typical
K
0.103
2,60
L
0.024
0,60
DIM.
GRADIENT
M
10
° max.1
Note:
N
2
° . . .30°
1. Applicable on all sides
SOT-143 (Case Style 1068)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.044
1.10
B
0.004
0.10
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.030
0.035
0.75
0.90
F
0.003
0.006
0.08
0.15
G
0.110
0.119
2.80
3.00
H
0.047
0.056
1.20
1.40
J
0.075 typical
1.90 typical
K
0.075 typical
1.90 typical
L
0.103
2.6
M
0.024
0.6
DIM.
GRADIENT
NOTE:
M
10
° max. 1
1. Applicable on all sides
N
2
° . . . 30°


Html Pages

1  2  3  4  5  6 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn