Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MA4SW610B-1 Datasheet(PDF) 1 Page - Tyco Electronics

No. de pieza MA4SW610B-1
Descripción Electrónicos  SP6T PIN Diode Switch with Integrated Bias Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4SW610B-1 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4SW610B-1 Datasheet HTML 1Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 2Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 3Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 4Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 5Page - Tyco Electronics MA4SW610B-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Ultra Broad Bandwidth: 2 GHz to 18 GHz
n
1.9 dB Insertion Loss, 35 dB Isolation at 18 GHz
n
Reliable. Fully Monolithic, Glass Encapsulated
Construction
Description
The MA4SW610B-1 is a Reflective SP6T Series-Shunt broad band
switch with integrated bias networks made with M/A-COM’s
HMIC
TM (Heterolithic Microwave Integrated Circuit) process, US
Patent 5,268,310. This process allows the incorporation of silicon
pedestals that form series and shunt diodes or vias by imbedding
them in low loss, low dispersion glass. By using small spacing
between elements, this combination of silicon and glass gives
HMIC
devices
low
loss
and
high
isolation
performance
through 18 GHz.
Applications
These high performance switches are suitable for the use in
multi-band ECM, Radar, and instrumentation control circuits
where high isolation to insertion loss ratios are required. With a
standard +5 V/-5 V, TTL controlled PIN diode driver, 80 ns
switching speeds are achieved.
SP6T PIN Diode Switch with
Integrated Bias Network
V 1.00
MA4SW510B-1 Layout
Parameter
Value
Operating Temperature
-65 °C to +125 °C
Storage Temperature
-65 °C to +150 °C
RF C.W. Incident Power
(+/-20 mA)
+ 30 dBm
Bias Current (Forward)
+/- 40 mA
Applied Voltage (Reverse)
15 V
Absolute Maximum Ratings
1
@ TA = +25 °C (unless otherwise
specified)
1. Exceeding any of these values may result in permanent
damage
Nominal Chip Dimensions
Chip Dimensions (
µm)
X
Y
Chip
3370
3120
Pad Dimensions (
µm)
X
Y
RF
400
125
Pad Locations (
µm)
X
Y
J1
0
0
J2
-1535
+300
J3
-1535
+1800
J4
-750
+2820
J5
+750
+2820
J6
+1535
+1800
Pad Locations Relative to J1
DC
125
125
B2
-1535
+1000
B3
-1535
+2500
B4
-50
+2820
B5
+1450
+2820
B6
+1535
+1100
J7
+1535
+300
B7
+900
0


Número de pieza similar - MA4SW610B-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
More results

Descripción similar - MA4SW610B-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MA4SW610B MA-COM-MA4SW610B_15 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
MASW-006102-1361 MA-COM-MASW-006102-1361 Datasheet
696Kb / 6P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
MA4SW610B-1 MA-COM-MA4SW610B-1 Datasheet
115Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network 2 - 18GHz
MA4SW610B-1 MA-COM-MA4SW610B-1_16 Datasheet
702Kb / 7P
   HMIC Silicon SP6T PIN Diode Switch with Integrated Bias Network
logo
Tyco Electronics
MA4SW510B-1 MACOM-MA4SW510B-1 Datasheet
245Kb / 6P
   SP5T PIN Diode Switch with Integrated Bias Network
logo
M/A-COM Technology Solu...
MASW-005102-13600 MA-COM-MASW-005102-13600 Datasheet
720Kb / 6P
   Silicon SP5T PIN Diode Switch with Integrated Bias Network
MA4SW410B-1 MA-COM-MA4SW410B-1 Datasheet
784Kb / 6P
   HMIC??Silicon PIN Diode Switch with Integrated Bias Network
MA4SW424B-1 MA-COM-MA4SW424B-1 Datasheet
447Kb / 6P
   SP4T 24GHz PIN Diode Switch with Integrated Bias Network
MASW-004102-12760 MA-COM-MASW-004102-12760_14 Datasheet
975Kb / 6P
   Silicon SP4T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com