Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NX8340MD-CC Datasheet(PDF) 5 Page - California Eastern Labs |
|
NX8340MD-CC Datasheet(HTML) 5 Page - California Eastern Labs |
5 / 6 page NX8340MD-CC PARAMETER SYMBOL RATINGS UNIT Storage Temperature Tstg − 40 to +85 ° C Operating Case Temperature TC 0 to +75 ° C Forward Current of PD IFPD 10 mA Reverse Voltage of PD VRPD 20 V Driver Power Supply Voltage VCC − 0.5 to +6.0 V Data Input Voltage (DC coupled, single) DIN, DINB VCC−1.2 to VCC+0.5 V Bias Monitor Voltage Vbm − 0.5 to VCC+0.5 V Modulation Monitor Voltage Vmm − 0.5 to VCC+0.5 V Bias Control Voltage Vb − 0.5 to +2.6 V Modulation Control Voltage Vm − 0.5 to +1.4 V Lead Soldering Temperature Tsld 350 (3 sec.) ° C ABSOLUTE MAXIMUM RATINGS |
Número de pieza similar - NX8340MD-CC |
|
Descripción similar - NX8340MD-CC |