Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC912D60PMPV8 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

No. de pieza MC912D60PMPV8
Descripción Electrónicos  HC12 Microcontrollers
Download  460 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC912D60PMPV8 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MC912D60PMPV8 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 89Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 90Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC912D60PMPV8 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 460 page
background image
Bus Control and Input/Output
Technical Data
MC68HC912D60A — Rev. 3.1
90
Bus Control and Input/Output
Freescale Semiconductor
0 = Associated pin is a high-impedance input
1 = Associated pin is an output
PE[1:0] are associated with XIRQ and IRQ and cannot be configured as
outputs. These pins can be read regardless of whether the alternate
interrupt functions are enabled.
This register is not in the map in peripheral mode and expanded modes
while the EME control bit is set.
Read and write anytime.
The PEAR register is used to choose between the general-purpose I/O
functions and the alternate bus control functions of port E. When an
alternate control function is selected, the associated DDRE bits are
overridden.
The reset condition of this register depends on the mode of operation
because bus-control signals are needed immediately after reset in some
modes.
In normal single-chip mode, no external bus control signals are needed
so all of port E is configured for general-purpose I/O.
BIT 7
654321
BIT 0
NDBE
CGMTE
PIPOE
NECLK
LSTRE
RDWE
CALE
DBENE
RESET:
00000000
Normal
Expanded
RESET:
00101100
Special
Expanded
RESET:
11010000
Peripheral
RESET:
10010000
Normal
single chip
RESET:
00101100
Special
single chip
PEAR — Port E Assignment Register
$000A


Número de pieza similar - MC912D60PMPV8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912D60PMPV8 FREESCALE-MC912D60PMPV8 Datasheet
2Mb / 460P
   Technical Data
More results

Descripción similar - MC912D60PMPV8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC912D60AVPVE8 FREESCALE-MC912D60AVPVE8 Datasheet
2Mb / 460P
   HC12 Microcontrollers
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com