Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33285EF Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33285EF
Descripción Electrónicos  Dual High-Side TMOS Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33285EF Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33285EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33285EF Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33285
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
INTRODUCTION
The 33285 contains only one charge pump for two
outputs.The outputs, OUT1 and OUT2, are switched ON and
OFF by the input (IN) .There are three ways to control the
outputs:
OUT1 can be switched alone
OUT1 and OUT2 can be switched together
OUT2 can be switched when OUT1 is already on
In the last case, the voltage drop on OUT1 when charging
OUT2 is limited.
The external capacitor (CCP) connected to the CHARGE
PUMP (CP) pin is used to store the charge continuously
delivered by the charge pump. The voltage on this pin is
limited to a maximum value VCPMAX. Both outputs are
sourced with a constant current from CCP to switch them ON.
Additionally, the gates of the power FETs are precharged
from voltage power supply (VCC) to prevent CCP from being
discharged by a voltage on OUT1 or OUT2, is still lower than
VVCC. The values of the output voltages are limited to
VOUT1MAX and VOUT2MAX.
The power FET on OUT1 is protected against an
exceeded gate-source voltage by an internal zener diode.
Channel One protects the N-Channel power FET on OUT1
undercurrent and short-circuit conditions. The drain-source
voltage of the FET on OUT1 is checked if Channel One is
switched ON. The internal error voltage threshold determines
the maximum drain-source voltage allowing the power FET to
stay in the ON state. If the measured drain-source voltage
exceeds the internal error voltage threshold, the output of the
short-circuit protection comparator (SCPC) is enabled. If the
output of the SCPC is active longer than tOCDET, output
OUT1 is switched OFF.
After switching OFF the power FET on OUT1 by an short-
circuit condition, the power FET can only be turned ON again
by the input IN.
When switching OFF the power FETs their gate capacities
are discharged by a constant current, IOUTOFF.
If the input IN is disconnected, the 33285 outputs, OUT1
and OUT2, are in the OFF state.
If overvoltage occurs on the DRAIN (DRN) pin for a time
period longer than tLDDET, OUT2 is switched ON for the time
tOUT2ACT. In an overvoltage condition OUT1 is OFF if IN is
below VIH.
INTERNAL ZENER DIODE
An on-chip zener diode is placed between OUT1 and The
SOURCE (SRC). Design guarantees VZ > VTH1. Zener
clamping voltage between OUT1 and SRC is VTH1 < VZ <
20 V
PWM CAPABILITY
The CPIC2 is PWM capable on OUT2. The loss of charge
ON CCP when switching ON OUT2 is refreshed until the Start
on the next PWM cycle to a value sufficient to guarantee the
specified turn ON behavior.
The PWM capability is measured with a test circuit and
load conditions:
• PWM cycle is period T = 20 ms ; OUT2 is switched ON
from 10 to 90 percent of T
• Test condition VIN ramps 2.5 V ≤ 5.0 V according to PWM
cycle defined above
CROSS TALK BETWEEN OUT1 AND OUT2
If output OUT2 is switched ON while OUT1 is already ON,
the voltage drop occurring on OUT1 is limited.
Voltage drop on OUT1:
•10 V < VVCC < 20 V : OUT1 not below VVCC + 7.0 V
• 7.0 V < VVCC < 20 V : OUT1 not below VVCC + 7.0 V
Each time OUT1 is switched ON, a current ILCDET is
sourced out of the SRC pin for the time tLCDET to check if
there is an external leakage current on that node in the
application. The high-side switch on OUT1 is turned ON only
if the test is successful.


Número de pieza similar - MCZ33285EF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33287EG FREESCALE-MCZ33287EG Datasheet
386Kb / 15P
   Contact Monitoring and Dual Low-Side Protected Driver
MCZ33287R2 FREESCALE-MCZ33287R2 Datasheet
386Kb / 15P
   Contact Monitoring and Dual Low-Side Protected Driver
More results

Descripción similar - MCZ33285EF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
33198 FREESCALE-33198 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
International Rectifier
IRS21858SPBF IRF-IRS21858SPBF_15 Datasheet
238Kb / 19P
   High(Dual Mode) Side Driver
IRS21853SPBF IRF-IRS21853SPBF Datasheet
176Kb / 17P
   DUAL HIGH SIDE DRIVER IC
IRS21853SPBF IRF-IRS21853SPBF_15 Datasheet
191Kb / 17P
   DUAL HIGH SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com