Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33689DEW Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33689DEW
Descripción Electrónicos  System Basis Chip with LIN Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33689DEW Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33689DEW Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33689
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VDD OUTPUT PIN (5.0 V OUTPUT FOR MCU USE) (CONTINUED) (9)
Temperature Threshold Difference
Normal Mode (TSD - TPRE)
TDIFF
20
30
40
°C
VSUP Range for Reset Active
0.5 V < VDD < VDD (VRSTTH)
VSUPR
4.0
V
Line Regulation
5.5 V < VSUP < 27 V, IDD = 10 mA
VLR1
20
150
mV
Load Regulation
1.0 mA < IDD < 50 mA
VLD1
10
150
mV
VDD OUTPUT PIN IN STOP MODE
Output Voltage (10)
IDD ≤ 2.0 mA
VDDS
4.75
5.0
5.25
V
Output Current Capability (11)
IDDS
4.0
8.0
14
mA
Line Regulation
5.5 V < VSUP < 27 V, IDD = 2.0 mA
VLRS
10
100
mV
Load Regulation
1.0 mA < IDD < 5.0 mA
VLDS
40
150
mV
RST
OUTPUT PIN IN NORMAL AND STOP MODES
Reset Threshold Voltage
VRSTTH
4.5
4.7
VDD-0.2
V
Low-Level Output Voltage
IO = 1.5 mA, 4.5 V < VSUP < 27 V
VOL
0.0
0.9
V
High-Level Output Current
0.0 V < VOUT < 0.7 VDD
IOH
-275
µA
Reset Pulldown Current
Internally Limited, VDD < 4.0 V, VRST = 4.6 V
IPDRST
1.5
8.0
mA
IN INPUT PIN
Low-Level Input Voltage
VIL
-0.3
0.3 VDD
V
High-Level Input Voltage
VIH
0.7 VDD
VDD +0.3
V
Input Current
0.0 V < VIN < VDD
IIN
-10
10
µA
Notes
9.
Specification with external capacitor 2.0
µF < C < 10 µF and 200 mΩ ≤ ESR ≤ 10 Ω. Normal mode. Low ESR electrolytic capacitor values
up to 47
µF can be used.
10.
When switching from Normal mode to Stop mode or from Stop mode to Normal mode, the voltage can vary within the output voltage
specification.
11.
When IDD is above IDDS, the 33689 enters the Reset mode.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - MCZ33689DEW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33661EF FREESCALE-MCZ33661EF Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MCZ33661EFR2 FREESCALE-MCZ33661EFR2 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
More results

Descripción similar - MCZ33689DEW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com