Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SE2521A60 Datasheet(PDF) 13 Page - SiGe Semiconductor, Inc.

No. de pieza SE2521A60
Descripción Electrónicos  RangeCharger??2.4 GHz Wireless LAN Front End
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIGE [SiGe Semiconductor, Inc.]
Página de inicio  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60 Datasheet(HTML) 13 Page - SiGe Semiconductor, Inc.

Back Button SE2521A60 Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 9Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 10Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 11Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 12Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 13Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 14Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 15Page - SiGe Semiconductor, Inc. SE2521A60 Datasheet HTML 16Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
13 of 16
QA040406
Package Information
Figure 17 shows the detailed device package diagram. The pads on the SiGe RF modules are plated with gold over
nickel, with a gold thickness of approx. 0.75 to 1.0 um. The modules can be reflowed onto FR4 based material using
eutectic Pb based or common tin based Pb free solder pastes.
TOP SIDE
BOTTOM SIDE
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
GND
GND
GND
GND
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
321
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GNDGND
GNDGND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
SIGNAL PAD
DETAIL
GROUND PAD
DETAIL
NOTES :
Figure 17: SE2521A60 Package Diagram
Package Handling Information
Because of its sensitivity to moisture absorption, instructions on the shipping container label must be followed
regarding exposure to moisture after the container seal is broken, otherwise, problems related to moisture absorption
may occur when the part is subjected to high temperature during solder assembly. The SE2521A60 is capable of
withstanding a Pb free solder reflow. Care must be taken when attaching this product, whether it is done manually or
in a production solder reflow environment. If the part is manually attached, precaution should be taken to insure that
the device is not subjected to temperatures above its rated peak temperature for an extended period of time. For
details on both attachment techniques, precautions, and handling procedures recommended by SiGe, please refer to:
SiGe’s Application Note: “Land Grid Array Module Solder Reflow & Rework Information”, Document Number 69-
APP-01
.
SiGe’s Application Note: “Handling, Packing, Shipping and Use of Moisture Sensitive LGA”, Document Number
69-APP-02
.


Número de pieza similar - SE2521A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
SE2521A80-EK1 SIGE-SE2521A80-EK1 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
SE2521A80-R SIGE-SE2521A80-R Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
More results

Descripción similar - SE2521A60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
   2.4 GHz Wireless LAN/BT Front End Preliminary
logo
SiGe Semiconductor, Inc...
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
SiGe Semiconductor, Inc...
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com