Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33977DW Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

No. de pieza MC33977DW
Descripción Electrónicos  Single Gauge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33977DW Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC33977DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33977DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33977
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33977 Pin Connections
Table 1. 33977 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning onpage 10.
Pin
Pin Name
Pin Function
Formal Name
Definition
1
2
3
4
(MS Motor
Pin #)
COS+ (MS #4)
COS- (MS #3)
SIN+ (MS #1)
SIN- (MS #2)
Output
H-Bridge Outputs 0
Each pin is the output of a half-bridge, designed to source or sink current.
5 to 8,
17 to 20
GND
N/A
Ground
Ground pins
9
CS
Input
Chip Select
This pin is connected to a chip select output of a Large Scale Integration
(LSI) Master IC and controls which device is addressed.
10
SCLK
Input
Serial Clock
This pin is connected to the SCLK pin of the master device and acts as a
bit clock for the SPI port.
11
SO
Output
Serial Output
This pin is connected to the SPI Serial Data Input pin of the Master device
or to the SI pin of the next device in a daisy chain.
12
SI
Input
Serial Input
This pin is connected to the SPI Serial Data Output pin of the Master
device from which it receives output command data.
13
RTZ
Multiplexed
Output
Return to Zero
This is a multiplexed output pin for the non-driven coil, during a Return to
Zero (RTZ) event.
14
VDD
Input
Voltage
This SPI and logic power supply input will work with 5.0 V supplies.
15
RST
Input
Reset
This pin is connected to the Master and is used to reset the device, or
place it into a sleep state by driving it to Logic [1]. When this pin is driven
to Logic [0], all internal logic is forced to the default state. This input has
an internal active pull-up.
16
VPWR
Input
Battery Voltage
Power supply
21, 22, 23, 24
NC
No Connect
These pins are not connected to any internal circuitry, or any other pin,
and may be connected to the board where convenient.
NC
NC
NC
NC
GND
GND
GND
GND
VPWR
RST
VDD
RTZ
COS+
COS-
SIN+
SIN-
GND
GND
GND
GND
CS
SCLK
SO
SI


Número de pieza similar - MC33977DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC33977DW NXP-MC33977DW Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
MC33977DWR2 NXP-MC33977DWR2 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
More results

Descripción similar - MC33977DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com