Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33989EG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33989EG
Descripción Electrónicos  System Basis Chip with High-Speed CAN Transceiver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33989EG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCZ33989EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33989EG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33989
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT (VSUP)
Nominal DC Supply Voltage Range
VSUP
5.5
18
V
Extended DC Voltage Range 1
Reduced Functionality (8)
VSUPEX1
4.5
5.5
V
Extended DC Voltage Range 2 (9)
VSUPEX2
18
27
V
Input Voltage During Load Dump
Load Dump Situation
VSUPLD
40
V
Input Voltage During Jump Start
Jump Start Situation
VSUPJS
27
V
Supply Current in Standby Mode (10) (11)
IOUT at VDD1 = 40 mA CAN recessive or Sleep-Disable State
ISUP(STDBY)
42
45
mA
Supply Current in Normal Mode (10)
IOUT at VDD1 = 40 mA CAN recessive or Sleep-Disable State
ISUP(NORM)
42.5
45
mA
Supply Current in Sleep Mode (10) (11)
VDD1 and V2 OFF, VSUP < 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(SLEEP1)
72
105
µA
Supply Current in Sleep Mode (10) (11)
VDD1 and V2 OFF, VSUP < 12 V, Oscillator Not Running
(12) CAN in
Sleep-Disable State
ISUP(SLEEP2)
57
90
µA
Supply Current in Sleep Mode (10) (11)
VDD1 and V2 OFF, VSUP > 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(SLEEP3)
100
150
µA
Supply Current in Stop Mode IOUT VDD1 < 2.0 mA
(10) (11)
VDD1 ON, VSUP < 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(STOP1)
135
210
µA
Supply Current in Stop Mode IOUT VDD1 < 2.0 mA
(11)
VDD1 ON, VSUP < 12 V, Oscillator Not Running
(12) CAN in
Sleep-Disable State
ISUP(STOP2)
130
210
µA
Supply Current in Stop Mode IOUT VDD1 < 2.0 mA
(10) (11)
VDD1 ON, VSUP > 12 V, Oscillator Running
(12) CAN in
Sleep-Disable State
ISUP(STOP3)
160
230
µA
BATFAIL Flag Internal Threshold
VBF
1.5
3.0
4.0
V
Notes
8.
VDD1 > 4.0 V, Reset high, Logic pin high level reduced, device is functional.
9.
Device is fully functional. All functions are operating. All modes available and operating. Watchdog, HS1 turn ON turn OFF, CAN cell
operating, L0:L3 inputs operating, SPI read/write operation. Overtemperature may occur.
10.
Current measured at VSUP pin.
11.
With CAN cell in Sleep-Disable state. If CAN cell is Sleep-Enabled for wake-up, an additional 60 µA must be added to specified value.
12.
Oscillator running means Forced Wake-up or Cyclic Sense of Software Watchdog is Stop mode are not activated.


Número de pieza similar - MCZ33989EG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33902EF/R2 FREESCALE-MCZ33902EF/R2 Datasheet
651Kb / 31P
   High Speed CAN Interface with Embedded 5.0 V Supply
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK-R2 FREESCALE-MCZ33903B3EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK/R2 FREESCALE-MCZ33903B3EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Descripción similar - MCZ33989EG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com