Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148X Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza 1N4148X
Descripción Electrónicos  200mW Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148X Datasheet(HTML) 1 Page - Micro Commercial Components

  1N4148X Datasheet HTML 1Page - Micro Commercial Components 1N4148X Datasheet HTML 2Page - Micro Commercial Components 1N4148X Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148X
200mW
Switching Diodes
Features
Fast Switching Speed
For General Purpose Switching Applications
Surface Mount Package Ideally Suited for Automatic Insertion
Maximum Ratings
Symbol
Parameter
Rating
Unit
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
75
V
VR(RMS)
RMS Reverse Voltage
53
IFM
Forward Continuous Current
300
mA
Io
Average Rectified Output Current
150
mA
IFSM
Peak Forward Surge Current @1.0μs
@1.0s
2.0
1.0
A
RθJA
Thermal Resistance Junction to Ambient
625
/W
PD
Power dissipation
200
mW
TJ ,TSTG
Operating and Storage Junction
Temperature
-65 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
V(BR)
Reverse Breakdown
Voltage
75V
---
IR=10μA
IR
Reverse Voltage
Leakage Current
---
1.0μA
25nA
VR=75V
VR=20V
VF
Forward Voltage
---
---
---
---
0.715V
0.855V
1.0V
1.25V
IF=5mA
IF=10mA
IF=100mA
IF=150mA
CT
Total Capacitance
---
2.0pF
VR=0V, f=1MHZ
trr
Reverse Recovery Time
---
4.0ns
IR=IF=10mA, RL=100
Ω
, Rec. to 1.0mA
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.043
.051
1.10
1.30
C
.030
.033
0.75
0.85
D
.001
.003
0.01
0.07
E
.010
.014
0.25
0.35
F
.003
.006
0.08
0.15
G
.020
.028
0.50
0.70
H
.020
.031
0.51
0.77
SOD523
A
B
E
C
H
G
D
F
www.mccsemi.com
Revision: 2
2006/05/04
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
Mechanical Data
Marking Code: T4
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
V
1 of 3


Número de pieza similar - 1N4148X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N4148X-TP MCC-1N4148X-TP Datasheet
229Kb / 3P
   200mW Switching Diodes
1N4148X MCC-1N4148X_13 Datasheet
229Kb / 3P
   200mW Switching Diodes
1N4148X MCC-1N4148X_17 Datasheet
308Kb / 3P
   200mW Switching Diodes
More results

Descripción similar - 1N4148X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
MMBD4448DW MCC-MMBD4448DW_13 Datasheet
293Kb / 3P
   200mW Switching Diodes
1N4148X MCC-1N4148X_13 Datasheet
229Kb / 3P
   200mW Switching Diodes
MMBD4448HAQW MCC-MMBD4448HAQW_13 Datasheet
213Kb / 4P
   200mW Switching Diodes
MMBD4448DW MCC-MMBD4448DW Datasheet
242Kb / 3P
   200mW Switching Diodes
1N4148X-TP MCC-1N4148X-TP Datasheet
229Kb / 3P
   200mW Switching Diodes
1N4148X MCC-1N4148X_17 Datasheet
308Kb / 3P
   200mW Switching Diodes
MMBD4448HAQW MCC-MMBD4448HAQW Datasheet
190Kb / 4P
   200mW Switching Diodes
BAW56DW MCC-BAW56DW_13 Datasheet
282Kb / 3P
   200mW Switching Diodes 75 Volts
BAV70DW MCC-BAV70DW Datasheet
253Kb / 3P
   200mW Switching Diodes 75 Volts
BAW56DW MCC-BAW56DW Datasheet
246Kb / 3P
   200mW Switching Diodes 75 Volts
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com