Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCZ33990EFR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza MCZ33990EFR2
Descripción Electrónicos  Enhanced Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33990EFR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33990EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33990EFR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33990
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
ELECTRICAL PERFORMANCE CURVES
TEST FIGURES
Figure 4. Loss of Ground Test Circuit
Figure 5. Loss of VBAT Test Circuit
Figure 6. BUS Rise and Fall Times
Figure 7. Pulse Width Distortion
Figure 8. SLEEP to Tx Delay Times
Figure 9. BUS-to-Rx Delay Time
ILOAD(LOG)
IBUS(LOG)
33990
VBAT
GND
BUS
LOAD
Floating
-18 V
9.0 V
IBUS(LOB)
VBAT
GND
BUS
Floating
33990
64
µs
3.5 V
0.8 V
Tx
80%
20%
BUS
t rise
tfall
64
µs
5.0 V
0 V
Tx
1.5 V
tpwd(max)
tpwd
tpwd(min)
BUS
SLEEP
2.5 V
tSLEEPTxSU
Tx
2.5 V
3.875 V
tTxDelay
Rx
2.5 V
BUS
tRxDelay/low-
to-output high
122
µs
3.875 V
tRxDelay/high-to-
output low


Número de pieza similar - MCZ33990EFR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MCZ33990EF/R2 FREESCALE-MCZ33990EF/R2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
More results

Descripción similar - MCZ33990EFR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
logo
Motorola, Inc
MC33390 MOTOROLA-MC33390 Datasheet
450Kb / 16P
   Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Melexis Microelectronic...
TH8082 MELEXIS-TH8082 Datasheet
648Kb / 26P
   Enhanced SoloLIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com