Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MP3H6115A Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MP3H6115A
Descripción Electrónicos  High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MP3H6115A Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MP3H6115A Datasheet HTML 1Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 2Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 3Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 4Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 5Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 6Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 7Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 8Page - Freescale Semiconductor, Inc MP3H6115A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Sensors
4
Freescale Semiconductor
MP3H6115A
Figure 2. Cross Sectional Diagram SSOP (not to scale)
Figure 2 illustrates the absolute sensing chip in the basic
Super Small Outline chip carrier (Case 1317).
Figure 3. Typical Application Circuit
(Output Source Current Operation)
Figure 3 shows a typical application circuit (output source
current operation).
Figure 4. Output versus Pressure Differential
Figure 4 shows the sensor output signal relative to
pressure input. Typical minimum and maximum output
curves are shown for operation over 0 to 85
°C temperature
range. The output will saturate outside of the rated pressure
range.
A fluorosilicone gel isolates the die surface and wire bonds
from the environment, while allowing the pressure signal to
be transmitted to the silicon diaphragm. The MP3H6115A
series pressure sensor operating characteristics, internal
reliability and qualification tests are based on use of dry air as
the pressure media. Media other than dry air may have
adverse effects on sensor performance and long-term
reliability. Contact the factory for information regarding media
compatibility in your application.
Wire Bond
Stainless Steel
Cap
Thermoplastic
Case
Die Bond
Sealed Vacuum Reference
Fluoro Silicone
Gel Die Coat
Leadframe
Absolute Elelment
P1
Die
VS Pin 2
+3 V
GND Pin 3
VOUT Pin 4
MP3H6115A
to
100 nF
51 K
47 pF
GND
Pressure (Reference to Sealed Vacuum) in kPa
Min
Typ
Max
Transfer Function:
VOUT = VS x (.009xP–.095) ± Error
VS = 3.0 VDC
Temp = 0 to 85°C
3.0
2.75
2.5
2.25
2.0
1.75
1.5
1.25
1.0
0.75
0.5
0.25
0


Número de pieza similar - MP3H6115A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MP3H6115A NXP-MP3H6115A Datasheet
246Kb / 14P
   MP3H6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 6.1, 06/2015
logo
Freescale Semiconductor...
MP3H6115A6T1 FREESCALE-MP3H6115A6T1 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MP3H6115A6T1 FREESCALE-MP3H6115A6T1 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results

Descripción similar - MP3H6115A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V_12 Datasheet
111Kb / 9P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned
MP3H6115A FREESCALE-MP3H6115A Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned, Temperature Compensat
MPXH6300A FREESCALE-MPXH6300A Datasheet
263Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6400A FREESCALE-MPXH6400A_07 Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A_12 Datasheet
181Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A_11 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MP3H6115A FREESCALE-MP3H6115A_12 Datasheet
187Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com