Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PZTA06 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza PZTA06
Descripción Electrónicos  NPN general purpose transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZTA06 Datasheet(HTML) 3 Page - NXP Semiconductors

  PZTA06 Datasheet HTML 1Page - NXP Semiconductors PZTA06 Datasheet HTML 2Page - NXP Semiconductors PZTA06 Datasheet HTML 3Page - NXP Semiconductors PZTA06 Datasheet HTML 4Page - NXP Semiconductors PZTA06 Datasheet HTML 5Page - NXP Semiconductors PZTA06 Datasheet HTML 6Page - NXP Semiconductors PZTA06 Datasheet HTML 7Page - NXP Semiconductors PZTA06 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jul 14
3
Philips Semiconductors
Product specification
NPN general purpose transistor
PZTA06
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2. For other
mounting conditions, see
“Thermal considerations for SOT223 in the General part of handbook SC04”.
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2. For other
mounting conditions, see
“Thermal considerations for SOT223 in the General part of handbook SC04”.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
80
V
VCEO
collector-emitter voltage
open base
80
V
VEBO
emitter-base voltage
open collector
4V
IC
collector current (DC)
500
mA
ICM
peak collector current
800
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
1.2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
103
K/W
Rth j-s
thermal resistance from junction to soldering point
22
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =80V
50
nA
IEBO
emitter cut-off current
IC = 0; VEB =5V
50
nA
hFE
DC current gain
IC = 10 mA; VCE =1V
100
IC = 100 mA; VCE =1V
100
VCEsat
collector-emitter saturation voltage
IC = 100 mA; IB =10mA
250
mV
VBE
base-emitter voltage
IC = 100 mA; VCE =1V
1.2
V
fT
transition frequency
IC = 10 mA; VCE = 2 V; f = 100 MHz
100
MHz


Número de pieza similar - PZTA06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
PZTA06 FAIRCHILD-PZTA06 Datasheet
149Kb / 4P
   NPN General Purpose Amplifier
PZTA06 FAIRCHILD-PZTA06 Datasheet
654Kb / 15P
   NPN General Purpose Amplifier
logo
Jiangsu Changjiang Elec...
PZTA06 JIANGSU-PZTA06 Datasheet
1Mb / 4P
   S OT-223 Plastic-Encapsulate Transistors
logo
Nanjing International G...
PZTA06 DGNJDZ-PZTA06 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
PZTA06G-AA3-R UTC-PZTA06G-AA3-R Datasheet
124Kb / 3P
   AMPLIFIER TRANSISTOR
More results

Descripción similar - PZTA06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com