Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

C052C109M1G5TA Datasheet(PDF) 4 Page - Kemet Corporation

No. de Pieza. C052C109M1G5TA
Descripción  CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

C052C109M1G5TA Datasheet(HTML) 4 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
23
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT — C202 STANDARD C0G
5,600.0
C202C562(4)2G5CA
6,800.0
C202C682(4)2G5CA
8,200.0
C202C822(4)2G5CA
10,000.0
C202C103(4)2G5CA
12,000.0
C202C123(4)2G5CA
15,000.0
C202C153(4)2G5CA
18,000.0
C202C183(4)2G5CA
22,000.0
C202C223(4)2G5CA
100 VOLT — C202 STANDARD C0G
10,000.0
C202C103(4)1G5CA
12,000.0
C202C123(4)1G5CA
15,000.0
C202C153(4)1G5CA
18,000.0
C202C183(4)1G5CA
22,000.0
C202C223(4)1G5CA
27,000.0
C202C273(4)1G5CA
33,000.0
C202C333(4)1G5CA
200 VOLT — C222 STANDARD C0G
27,000.0
C222C273(4)2G5CA
33,000.0
C222C333(4)2G5CA
39,000.0
C222C393(4)2G5CA
47,000.0
C222C473(4)2G5CA
100 VOLT — C222 STANDARD C0G
39,000.0
C222C393(4)1G5CA
47,000.0
C222C473(4)1G5CA
56,000.0
C222C563(4)1G5CA
68,000.0
C222C683(4)1G5CA
82,000.0
C222C823(4)1G5CA
100,000.0
C222C104(4)1G5CA
CERAMIC MOLDED/AXIAL – STANDARD
ULTRA-STABLE TEMPERATURE CHARACTERISTIC—C0G (NP0)
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT — C124 STANDARD C0G
390.0
C124C391(4)2G5CA
470.0
C124C471(4)2G5CA
560.0
C124C561(4)2G5CA
100 VOLT — C124 STANDARD C0G
820.0
C124C821(4)1G5CA
1,000.0
C124C102(4)1G5CA
200 VOLT — C192 STANDARD C0G
680.0
C192C681(4)2G5CA
820.0
C192C821(4)2G5CA
1,000.0
C192C102(4)2G5CA
1,200.0
C192C122(4)2G5CA
1,500.0
C192C152(4)2G5CA
1,800.0
C192C182(4)2G5CA
2,200.0
C192C222(4)2G5CA
2,700.0
C192C272(4)2G5CA
3,300.0
C192C332(4)2G5CA
3,900.0
C192C392(4)2G5CA
4,700.0
C192C472(4)2G5CA
100 VOLT — C192 STANDARD C0G
1,200.0
C192C122(4)1G5CA
1,500.0
C192C152(4)1G5CA
1,800.0
C192C182(4)1G5CA
2,200.0
C192C222(4)1G5CA
2,700.0
C192C272(4)1G5CA
3,300.0
C192C332(4)1G5CA
3,900.0
C192C392(4)1G5CA
4,700.0
C192C472(4)1G5CA
5,600.0
C192C562(4)1G5CA
6,800.0
C192C682(4)1G5CA
8,200.0
C192C822(4)1G5CA
RATINGS & PART NUMBER REFERENCE
CAPACITANCE
KEMET
pF
PART NUMBER
200 VOLT — C114 STANDARD C0G
1.0
C114C109(1)2G5CA
1.5
C114C159(1)2G5CA
2.2
C114C229(1)2G5CA
2.7
C114C279(1)2G5CA
3.3
C114C339(1)2G5CA
3.9
C114C399(1)2G5CA
4.7
C114C479(1)2G5CA
5.6
C114C569(1)2G5CA
6.8
C114C689(1)2G5CA
8.2
C114C829(1)2G5CA
10.0
C114C100(2)2G5CA
12.0
C114C120(2)2G5CA
15.0
C114C150(2)2G5CA
18.0
C114C180(2)2G5CA
22.0
C114C220(2)2G5CA
27.0
C114C270(3)2G5CA
33.0
C114C330(3)2G5CA
39.0
C114C390(3)2G5CA
47.0
C114C470(3)2G5CA
56.0
C114C560(4)2G5CA
68.0
C114C680(4)2G5CA
82.0
C114C820(4)2G5CA
100.0
C114C101(4)2G5CA
120.0
C114C121(4)2G5CA
150.0
C114C151(4)2G5CA
180.0
C114C181(4)2G5CA
220.0
C114C221(4)2G5CA
270.0
C114C271(4)2G5CA
330.0
C114C331(4)2G5CA
100 VOLT — C114 STANDARD C0G
82.0
C114C820(4)1G5CA
100.0
C114C101(4)1G5CA
120.0
C114C121(4)1G5CA
150.0
C114C151(4)1G5CA
180.0
C114C181(4)1G5CA
220.0
C114C221(4)1G5CA
270.0
C114C271(4)1G5CA
330.0
C114C331(4)1G5CA
390.0
C114C391(4)1G5CA
470.0
C114C471(4)1G5CA
560.0
C114C561(4)1G5CA
680.0
C114C681(4)1G5CA
NOTE 1: Insert proper symbol for capacitance tolerance as
follows:
(1) 1.0 pF to 8.2 pF: D— ±.5 pF
(2) 10.0 pF to 22 pF: J— ±5%, K— ±10%
(3) 27.0 pF to 47 pF: G— ±2%, J— ±5%, K— ±10%
(4) 56.0 pF and up: F— ±1%,G— ±2%, J— ±5%, K— ±10%
NOTE 1: Insert proper symbol for capacitance tolerance as
follows:
(1) 1.0 pF to 8.2 pF: D— ±.5 pF
(2) 10.0 pF to 22 pF: J— ±5%, K— ±10%
(3) 27.0 pF to 47 pF: G— ±2%, J— ±5%, K— ±10%
(4) 56.0 pF and up: F— ±1%,G— ±2%, J— ±5%, K— ±10%
NOTE 1: Insert proper symbol for capacitance tolerance as
follows:
(1) 1.0 pF to 8.2 pF: D— ±.5 pF
(2) 10.0 pF to 22 pF: J— ±5%, K— ±10%
(3) 27.0 pF to 47 pF: G— ±2%, J— ±5%, K— ±10%
(4) 56.0 pF and up: F— ±1%,G— ±2%, J— ±5%, K— ±10%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn