Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CDR31BP470B3W4 Datasheet(PDF) 19 Page - Kemet Corporation

No. de Pieza. CDR31BP470B3W4
Descripción  CERAMIC CHIP CAPACITORS
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KEMET [Kemet Corporation]
Página de inicio  http://www.kemet.com
Logo 

CDR31BP470B3W4 Datasheet(HTML) 19 Page - Kemet Corporation

Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
CERAMIC CAPACITOR ARRAY
Four individual capacitors inside
one 1206 monolithic structure
Saves board and inventory space
One placement instead of four - less costly
Easier to handle and solder than 4 smaller chips
Tape and reel per EIA 481-1
RoHS Compliant
FEATURES
W
BW
P/2
Ref
P
L
CL
BW1
T
CAPACITOR OUTLINE DRAWING
TABLE 1
EIA DIMENSIONS – MILLIMETERS (INCHES)
1632
3.2 (0.126)
± 0.2 (0.008)
1.6 (.063)
± 0.2 (.008)
0.7 - 1.35
(0.027 - 0.053)
0.40 (0.016)
± 0.2 (0.008)
0.1 - 0.5
(0.004 - 0.020)
Size
Code
Length
L
Width
W
Thickness
T (max.)
Bandwidth
BW
Bandwidth
BW1
0.8 (0.031)
± 0.1 (0.004)
Pitch
P
Notes:
1. Metric is controlling - English for reference only.
2. Pitch (P) tolerances are non-cumulative along the package.
3. Thickness (T) depends on capacitance.
END METALLIZATION
Expressed in Picofarads (pF)
First two digits represent significant figures.
Third digit specifies number of zeros. (Use 9
for 1.0 thru 9.9pF. (Example: 2.2pF = 229
CERAMIC
EIA SIZE CODE
SPECIFICATION
CAPACITANCE CODE
VOLTAGE
C - Standard
CAPACITANCE TOLERANCE
K – ±10%: M – ±20% Standard Tolerances
Contact factory for any special requirements.
C-Standard
(Tin-plated nickel barrier)
5 = 50v; 3 = 25v; 4 = 16v; 8=10v
C
1632
C
103
K
5
R
C
FAILURE RATE LEVEL
A
A- Not Applicable
TEMPERATURE CHARACTERISTIC
Designated by Capacitance
Change Over Temperature Range
G – C0G (NP0) (±30 PPM/°C)
R – X7R (±15%)
Ceramic chip array
CERAMIC ARRAY ORDERING INFORMATION
85


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
NMCMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMCY5VMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
C0201C508B1GACCERAMIC CHIP CAPACITORS 1 2 3 4 5 MoreKemet Corporation
NMCX5RMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-HMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.
NMCCVMultilayer Ceramic Chip Capacitors 1 2 3 4 NIC-Components Corp.
NMC-H1808Multilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-LMultilayer Ceramic Chip Capacitors 1 2 NIC-Components Corp.
NMC-MMultilayer Ceramic Chip Capacitors 1 2 3 NIC-Components Corp.
NMC-PMultilayer Ceramic Chip Capacitors 1 2 3 4 5 NIC-Components Corp.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn