Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS24 Datasheet(PDF) 10 Page - Monolithic Power Systems |
|
SS24 Datasheet(HTML) 10 Page - Monolithic Power Systems |
10 / 11 page MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER MP1591 Rev. 2.3 www.MonolithicPower.com 10 9/27/2006 MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. © 2006 MPS. All Rights Reserved. PACKAGE INFORMATION SOIC8 0.016(0.41) 0.050(1.27) 0o-8o DETAIL "A" 0.010(0.25) 0.020(0.50) x 45o SEE DETAIL "A" 0.0075(0.19) 0.0098(0.25) 0.150(3.80) 0.157(4.00) PIN 1 ID 0.050(1.27) BSC 0.013(0.33) 0.020(0.51) SEATING PLANE 0.004(0.10) 0.010(0.25) 0.189(4.80) 0.197(5.00) 0.053(1.35) 0.069(1.75) TOP VIEW FRONT VIEW 0.228(5.80) 0.244(6.20) SIDE VIEW 14 85 RECOMMENDED LAND PATTERN 0.213(5.40) 0.063(1.60) 0.050(1.27) 0.024(0.61) NOTE: 1) CONTROL DIMENSION IS IN INCHES. DIMENSION IN BRACKET IS IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.004" INCHES MAX. 5) DRAWING CONFORMS TO JEDEC MS-012, VARIATION AA. 6) DRAWING IS NOT TO SCALE. 0.010(0.25) BSC GAUGE PLANE |
Número de pieza similar - SS24 |
|
Descripción similar - SS24 |