Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S6189F6 Datasheet(PDF) 2 Page - Solid States Devices, Inc

No. de Pieza. S6189F6
Descripción  9 AMP 600 - 1000 VOLTS FAST RECOVERY RECTIFIER
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo 

S6189F6 Datasheet(HTML) 2 Page - Solid States Devices, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
SYMBOL
UNITS
MAX
S6189F6
thru
S6189F10
nsec
250
tRR
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25
oC)
µµµµµA
Reverse Leakage Current
(Rated VR , TA = 100
oC, 300
µs min Pulse)
50
IR
VF
1.2
Instantaneous Forward Voltage Drop
(IF = 9Adc, TA = 25
oC, 300
µs Pulse)
Vdc
VF
1.3
Instantaneous Forward Voltage Drop
(IF = 9A, TA = -55
oC, 300
µs Pulse)
Vdc
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Reverse Leakage Current
(Rated VR , TA = 25
oC, 300
µs min Pulse)
IR
10
µµµµµA
Junction Capacitence
(VR = 10 Vdc, TA = 25oC, f = 1 Mhz)
MINISTUD (C*)
MINISTUD (V*)
Cj
50
pf
.250
.230
.460
MAX
Ø.187
MAX
.125
.105
.193
.183
HEX
.055
.035
R.005 MAX
#4-40 UNC-2A
Ø.187
MAX
.140
.100
.580 MAX
.230
.170
.260
.220
R.005 MAX
.135
.115
.330
MAX
.055
.035
.255
.245
HEX
Ø
.072
.052
.025
.010
#6-32 UNC-2A
GOLD PLATED
STUD
FULL THD TO WITHIN
.060" OF SHOULDER
BERILIA INSULATING DISK
CATHODE TERMINAL
GOLD PLATED
ANODE TERMINAL
GOLD PLATED


Html Pages

1  2