Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S6189F6 Datasheet(PDF) 1 Page - Solid States Devices, Inc

No. de Pieza. S6189F6
Descripción  9 AMP 600 - 1000 VOLTS FAST RECOVERY RECTIFIER
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo 

S6189F6 Datasheet(HTML) 1 Page - Solid States Devices, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
FEATURES:
9 AMP
600 - 1000 VOLTS
FAST RECOVERY
RECTIFIER
S6189F6
thru
S6189F10
Maximum Ratings
600
800
1000
150
Amps
9
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R00000JL
7.5
4.0
Peak Repetitive Reverse
and DC Blocking Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave , TA = 25
oC)
Maximum Thermal Resistance
"V" Isolated
Junction to Case
"C" Hot Case
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TA = 25
oC)
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00017C
• 90097 types where higher voltages are needed
• Fast Recovery: 250 ns
• PIV to 1000 Volts
• Low Reverse Leakage Current
• Hermetically Sealed Ministud Packages
• Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• TX, TXV, and Space Level Screening Available
• Available in Ultrafast or Hyperfast Versions
oC
-65 TO +175
TOP
Operating Temperature Range
S6189F6C , V
S6189F8C , V
S6189F10C , V
oC
-65 TO +175
TSTG
Storage Temperature Range
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
MINISTUD "C", "V"


Html Pages

1  2