Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CDR32BX101ABUP Datasheet(PDF) 3 Page - Kemet Corporation |
|
CDR32BX101ABUP Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 10 page ©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 pF TOL. PART NUMBER 100 Volt — BP — C0805 SIZE (MILITARY CDR31) 91 F,J,K C0805N910(3)1G(4)C CDR31BP910B(3)W(4) 100 F,J,K C0805N101(3)1G(4)C CDR31BP101B(3)W(4) 110 F,J,K C0805N111(3)1G(4)C CDR31BP111B(3)W(4) 120 F,J,K C0805N121(3)1G(4)C CDR31BP121B(3)W(4) 130 F,J,K C0805N131(3)1G(4)C CDR31BP131B(3)W(4) 150 F,J,K C0805N151(3)1G(4)C CDR31BP151B(3)W(4) 160 F,J,K C0805N161(3)1G(4)C CDR31BP161B(3)W(4) 180 F,J,K C0805N181(3)1G(4)C CDR31BP181B(3)W(4) 200 F,J,K C0805N201(3)1G(4)C CDR31BP201B(3)W(4) 220 F,J,K C0805N221(3)1G(4)C CDR31BP221B(3)W(4) 240 F,J,K C0805N241(3)1G(4)C CDR31BP241B(3)W(4) 270 F,J,K C0805N271(3)1G(4)C CDR31BP271B(3)W(4) 300 F,J,K C0805N301(3)1G(4)C CDR31BP301B(3)W(4) 330 F,J,K C0805N331(3)1G(4)C CDR31BP331B(3)W(4) 360 F,J,K C0805N361(3)1G(4)C CDR31BP361B(3)W(4) 390 F,J,K C0805N391(3)1G(4)C CDR31BP391B(3)W(4) 430 F,J,K C0805N431(3)1G(4)C CDR31BP431B(3)W(4) 470 F,J,K C0805N471(3)1G(4)C CDR31BP471B(3)W(4) 50 Volt — BP — C0805 SIZE (MILITARY CDR31) 510 F,J,K C0805N511(3)5G(4)C CDR31BP511A(3)W(4) 560 F,J,K C0805N561(3)5G(4)C CDR31BP561A(3)W(4) 620 F,J,K C0805N621(3)5G(4)C CDR31BP621A(3)W(4) 680 F,J,K C0805N681(3)5G(4)C CDR31BP681A(3)W(4) 100 Volt — BX — C0805 SIZE (MILITARY CDR31) 470 K,M C0805N471(3)1X(4)C CDR31BX471B(3)W(4) 560 K,M C0805N561(3)1X(4)C CDR31BX561B(3)W(4) 680 K,M C0805N681(3)1X(4)C CDR31BX681B(3)W(4) 820 K,M C0805N821(3)1X(4)C CDR31BX821B(3)W(4) 1,000 K,M C0805N102(3)1X(4)C CDR31BX102B(3)W(4) 1,200 K,M C0805N122(3)1X(4)C CDR31BX122B(3)W(4) 1,500 K,M C0805N152(3)1X(4)C CDR31BX152B(3)W(4) 1,800 K,M C0805N182(3)1X(4)C CDR31BX182B(3)W(4) 2,200 K,M C0805N222(3)1X(4)C CDR31BX222B(3)W(4) 2,700 K,M C0805N272(3)1X(4)C CDR31BX272B(3)W(4) 3,300 K,M C0805N332(3)1X(4)C CDR31BX332B(3)W(4) 3,900 K,M C0805N392(3)1X(4)C CDR31BX392B(3)W(4) 4,700 K,M C0805N472(3)1X(4)C CDR31BX472B(3)W(4) 50 Volt — BX — C0805 SIZE (MILITARY CDR31) 5,600 K,M C0805N562(3)5X(4)C CDR31BX562A(3)W(4) 6,800 K,M C0805N682(3)5X(4)C CDR31BX682A(3)W(4) 8,200 K,M C0805N822(3)5X(4)C CDR31BX822A(3)W(4) 10,000 K,M C0805N103(3)5X(4)C CDR31BX103A(3)W(4) 12,000 K,M C0805N123(3)5X(4)C CDR31BX123A(3)W(4) 15,000 K,M C0805N153(3)5X(4)C CDR31BX153A(3)W(4) 18,000 K,M C0805N183(3)5X(4)C CDR31BX183A(3)W(4) CAP. AVAIL. KEMET CAPACITORS MIL-PRF-55681 pF TOL. PART NUMBER 100 Volt — BP — C0805 SIZE (MILITARY CDR31) 1.0 B,C C0805N109(3)1G(4)C CDR31BP1R0B(3)W(4) 1.1 B,C C0805N119(3)1G(4)C CDR31BP1R1B(3)W(4) 1.2 B,C C0805N129(3)1G(4)C CDR31BP1R2B(3)W(4) 1.3 B,C C0805N139(3)1G(4)C CDR31BP1R3B(3)W(4) 1.5 B,C C0805N159(3)1G(4)C CDR31BP1R5B(3)W(4) 1.6 B,C C0805N169(3)1G(4)C CDR31BP1R6B(3)W(4) 1.8 B,C C0805N189(3)1G(4)C CDR31BP1R8B(3)W(4) 2.0 B,C C0805N209(3)1G(4)C CDR31BP2R0B(3)W(4) 2.2 B,C C0805N229(3)1G(4)C CDR31BP2R2B(3)W(4) 2.4 B,C C0805N249(3)1G(4)C CDR31BP2R4B(3)W(4) 2.7 B,C,D C0805N279(3)1G(4)C CDR31BP2R7B(3)W(4) 3.0 B,C,D C0805N309(3)1G(4)C CDR31BP3R0B(3)W(4) 3.3 B,C,D C0805N339(3)1G(4)C CDR31BP3R3B(3)W(4) 3.6 B,C,D C0805N369(3)1G(4)C CDR31BP3R6B(3)W(4) 3.9 B,C,D C0805N399(3)1G(4)C CDR31BP3R9B(3)W(4) 4.3 B,C,D C0805N439(3)1G(4)C CDR31BP4R3B(3)W(4) 4.7 B,C,D C0805N479(3)1G(4)C CDR31BP4R7B(3)W(4) 5.1 B,C,D C0805N519(3)1G(4)C CDR31BP5R1B(3)W(4) 5.6 B,C,D C0805N569(3)1G(4)C CDR31BP5R6B(3)W(4) 6.2 B,C,D C0805N629(3)1G(4)C CDR31BP6R2B(3)W(4) 6.8 B,C,D C0805N689(3)1G(4)C CDR31BP6R8B(3)W(4) 7.5 B,C,D C0805N759(3)1G(4)C CDR31BP7R5B(3)W(4) 8.2 B,C,D C0805N829(3)1G(4)C CDR31BP8R2B(3)W(4) 9.1 B,C,D C0805N919(3)1G(4)C CDR31BP9R1B(3)W(4) 10 F,J,K C0805N100(3)1G(4)C CDR31BP100B(3)W(4) 11 F,J,K C0805N110(3)1G(4)C CDR31BP110B(3)W(4) 12 F,J,K C0805N120(3)1G(4)C CDR31BP120B(3)W(4) 13 F,J,K C0805N130(3)1G(4)C CDR31BP130B(3)W(4) 15 F,J,K C0805N150(3)1G(4)C CDR31BP150B(3)W(4) 16 F,J,K C0805N160(3)1G(4)C CDR31BP160B(3)W(4) 18 F,J,K C0805N180(3)1G(4)C CDR31BP180B(3)W(4) 20 F,J,K C0805N200(3)1G(4)C CDR31BP200B(3)W(4) 22 F,J,K C0805N220(3)1G(4)C CDR31BP220B(3)W(4) 24 F,J,K C0805N240(3)1G(4)C CDR31BP240B(3)W(4) 27 F,J,K C0805N270(3)1G(4)C CDR31BP270B(3)W(4) 30 F,J,K C0805N300(3)1G(4)C CDR31BP300B(3)W(4) 33 F,J,K C0805N330(3)1G(4)C CDR31BP330B(3)W(4) 36 F,J,K C0805N360(3)1G(4)C CDR31BP360B(3)W(4) 39 F,J,K C0805N390(3)1G(4)C CDR31BP390B(3)W(4) 43 F,J,K C0805N430(3)1G(4)C CDR31BP430B(3)W(4) 47 F,J,K C0805N470(3)1G(4)C CDR31BP470B(3)W(4) 51 F,J,K C0805N510(3)1G(4)C CDR31BP510B(3)W(4) 56 F,J,K C0805N560(3)1G(4)C CDR31BP560B(3)W(4) 62 F,J,K C0805N620(3)1G(4)C CDR31BP620B(3)W(4) 68 F,J,K C0805N680(3)1G(4)C CDR31BP680B(3)W(4) 75 F,J,K C0805N750(3)1G(4)C CDR31BP750B(3)W(4) 82 F,J,K C0805N820(3)1G(4)C CDR31BP820B(3)W(4) CERAMIC CHIP/MIL-PRF-55681 Established Reliablility RATINGS & PART NUMBER REFERENCE MARKING See page 9 7 for MIL-PRF-55681 Marking (1) To complete Part Number for Dielectric, insert P or X symbol – as defined by Military specification. (2) To complete Part Number for Dielectric, insert G or X symbol. (“G” for Military “BP,” or “X” for Military “BX.”) (3) To complete Part Number, insert Capacitance Tolerance Symbol (when applicable) as available in MIL-PRF-55681: B – ±0.1 pF, C – ±0.25 pF. D – ±0.5pF, F – ±1%, J – ±5%, K – ±10%, M – ±20%. NOTE: Available tolerances are listed in columns above. (4) To complete Part Number, insert Failure Rate Symbol: M –1.0%; P –0.1%; R –0.01%; S –.001%. Note: All MIL-PRF-55681 and KEMET Part Numbers tabulated above assume use of Solderguard II (MIL-PRF-55681 “W”; KEMET “C”) end metal- ization. If MIL-PRF-55681 “U” or “S” (KEMET “H”) or MIL-PRF-55681 “Y” (KEMET “C”) is required, please change designators accordingly. 89 |
Número de pieza similar - CDR32BX101ABUP |
|
Descripción similar - CDR32BX101ABUP |