Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XRD87L99 Datasheet(PDF) 6 Page - Exar Corporation

No. de Pieza. XRD87L99
Descripción  LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo 

XRD87L99 Datasheet(HTML) 6 Page - Exar Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
xr
xr
XRD87L99
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
REV. 1.0.0
6
Clock Timing
Clock Period
TS
500
1,000,000
ns
Rise & Fall Time4
tR, tF
10
ns
"High" Time
tB
125
250
500,000
ns
"Low" Time
tS
125
250
500,000
ns
DIGITAL OUTPUTS
COUT=15 PF
Logical "1" Voltage
VOH
DVDD-0.5
V
ILOAD = 2 mA
Logical "0" Voltage
VOL
0.5
V
ILOAD = 2 mA
Tristate Leakage
IOZ
-1
1
µA
VOUT = 0 to DVDD
Data Hold Time1
tHLD
12
ns
Data Valid Delay1
tDL
30
35
ns
Write Pulse Width1
tWR
40
ns
Multiplexer Address Setup
Time1
tAS
80
ns
Multiplexer Address Hold Time1
tAH
0
ns
Delay from WR to Multiplexer1
Enable
tMUXEN1
80
ns
Clock to PD Setup Time
tCLKS1
400
ns
Clock to UR Setup Time
tCLKS2
0
ns
Clock to PD Hold Time
tCLKH1
600
ns
ELECTRICAL CHARACTERISTICS AVDD = DVDD = 3 V, FS = 2 MHZ (50% DUTY CYCLE), VREF(+) = 2.6, VREF(-) = AGND,
TA = 25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS/COMMENTS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn