Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

XRD8799 Datasheet(PDF) 5 Page - Exar Corporation

No. de Pieza. XRD8799
Descripción  LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo 

XRD8799 Datasheet(HTML) 5 Page - Exar Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
XRD8799
xr
xr
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
REV. 1.00
5
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS AVDD = DVDD = 5 V, FS = 2 MHZ (50% DUTY CYCLE), VREF(+) = 4.6, VREF(-) = AGND,
TA = 25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS/COMMENTS
KEY FEATURES
Resolution
10
Bits
Sampling Rate
FS
.001
2.0
MHz
For Rated Performance
ACCURACY (A GRADE)2
Differential Non-Linearity
DNL
-1
+0.3
1
LSB
Integral Non-Linearity
INL
1
2
LSB
Best Fit Line (Max INL - Min
INL)/2
Zero Scale Error
EZS
0
50
100
mV
Full Scale Error
EFS
0
30
60
mV
REFERENCE VOLTAGES
Positive Ref. Voltage5
VREF(+)
1.0
4.0
AVDD
V
Negative Ref. Voltage5
VREF(-)
AGND
1.0
AVDD -1
V
Differential Ref. Voltage5
VREF
1.0
3.0
AVDD
V
Ladder Resistance
RL
500
1200
2000
W
ANALOG INPUT1
Input Bandwidth (-1dB)
1.0
4.0
MHz
1-Channel
Input Bandwidth (-1dB)
.125
0.5
MHz
8-Channel
Input Voltage Range7
VIN
VREF(-)
VREF(+)
V
Input Capacitance3
CIN
20
pF
Aperture Delay1
tAP
8
ns
DIGITAL INPUTS
Logical "1" Voltage
VIH
2.0
V
Logical "0" Voltage
VIL
0.8
V
Leakage Currents
IIN
VIN = DGND to DVDD
CLK
-1
1
µA
CLR, WR, A2, A1, A0, PD, OE
-5
30
µA
These input pins have 500k
internal resistors to GND
Input Capacitance
5
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn