Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B8110L Datasheet(PDF) 5 Page - EPCOS

No. de pieza B8110L
Descripción Electrónicos  SAW Components Bandpass Filter 110,59 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EPCOS [EPCOS]
Página de inicio  http://www.epcos.com
Logo EPCOS - EPCOS

B8110L Datasheet(HTML) 5 Page - EPCOS

  B8110L Datasheet HTML 1Page - EPCOS B8110L Datasheet HTML 2Page - EPCOS B8110L Datasheet HTML 3Page - EPCOS B8110L Datasheet HTML 4Page - EPCOS B8110L Datasheet HTML 5Page - EPCOS B8110L Datasheet HTML 6Page - EPCOS B8110L Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3
May 08, 2001
SAW Components
B 8110 L
110,59 MHz
Bandpass Filter
Data Sheet
Characteristics
Reference temperature:
T
= +25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Nominal frequency
fN
110,59
MHz
Center frequency
fc
110,51
110,59
110,67
MHz
(center frequency between 10 dB points)
Minimum insertion attenuation
α
min
16,5
17,5
dB
Passband width
B3dB
1,15
MHz
B30dB
2,57
MHz
Group delay ripple (p-p)
∆τ
fN - 600 kHz
...
fN + 600 kHz
180
250
ns
Relative attenuation (relative to
α
N)
α
rel
fN ± 1,6 MHz
...
fN ± 3,1 MHz
32
36
dB
fN ± 3,1 MHz
...
fN ± 4,6 MHz
40
52
dB
fN ± 4,6 MHz
...
fN ± 20 MHz
45
57
dB
fN ±
1,728 MHz
32
37
dB
fN ± 2×1,728 MHz
42
57
dB
fN ± 3×1,728 MHz
48
63
dB
Impedance in pass band
Input:
ZIN
=
RIN
||
CIN
850 || 6,8
Ω || pF
Output:
ZOUT = ROUT || COUT
100 || 25
Ω || pF
Temperature coefficient of frequency
TCf
– 18
ppm/K


Número de pieza similar - B8110L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
B811 TDK-B811 Datasheet
200Kb / 25P
   Laser marking for EPCOS film capacitors from Nashik and Zhuhai
April 8, 2016
logo
EPCOS
B81122 EPCOS-B81122 Datasheet
150Kb / 7P
   EMI suppression capacitors (MKP) Y2 / 250 VAC
B81122A1103M EPCOS-B81122A1103M Datasheet
150Kb / 7P
   EMI suppression capacitors (MKP) Y2 / 250 VAC
B81122A1104M EPCOS-B81122A1104M Datasheet
150Kb / 7P
   EMI suppression capacitors (MKP) Y2 / 250 VAC
B81122A1153M EPCOS-B81122A1153M Datasheet
150Kb / 7P
   EMI suppression capacitors (MKP) Y2 / 250 VAC
More results

Descripción similar - B8110L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EPCOS
B8100 EPCOS-B8100 Datasheet
243Kb / 8P
   SAW Components Bandpass Filter 110,59 MHz
B4542 EPCOS-B4542 Datasheet
74Kb / 5P
   SAW Components Low-Loss Filter 110,59 MHz
B3861 EPCOS-B3861 Datasheet
76Kb / 6P
   SAW Components Bandpass Filter 250,0 MHz
X6874D EPCOS-X6874D Datasheet
79Kb / 6P
   SAW Components Bandpass Filter
X6933D EPCOS-X6933D Datasheet
82Kb / 6P
   SAW Components Bandpass Filter
X6965M EPCOS-X6965M Datasheet
88Kb / 6P
   SAW Components Bandpass Filter
X6989D EPCOS-X6989D Datasheet
79Kb / 6P
   SAW Components Bandpass Filter
X6867D EPCOS-X6867D Datasheet
76Kb / 6P
   SAW Components Bandpass Filter
X6892D EPCOS-X6892D Datasheet
72Kb / 6P
   SAW Components Bandpass Filter
X6966M EPCOS-X6966M Datasheet
88Kb / 6P
   SAW Components Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com