Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDR9103CTN Datasheet(PDF) 2 Page - Solid States Devices, Inc

No. de Pieza. SDR9103CTN
Descripción  100 AMP, 300 - 500 VOLTS 40 nsec HYPER FAST CENTERTAP RECTIFIER
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SSDI [Solid States Devices, Inc]
Página de inicio  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR9103CTN Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR9103CTN Hoja de datos HTML 1Page - Solid States Devices, Inc SDR9103CTN Hoja de datos HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0033E
DOC
Optional Bent Down Leads
(DB Suffix)
2x .270
.240
.190 MIN
TO-258 (N Suffix)
TO-259 (P Suffix)
.270
.240
.045
.035
.145
.135
.750
.500
2x Ø.150
.120
.290
.275
2x.265
.245
.135
.120 TYP
.550
.530
2x.265
.245
3x Ø.045
.035
2x.205
.195
.405
.395
1.215
1.175
.960
.935
.700
.680
1.300
1.030
Optional with Bent Up Leads
(UB Suffix)
.190 MIN
2x .270
.240
Pin Assignment
Code
Function
Pin 1
Pin 2
Pin 3
CT
Common Cathode
Anode
Cathode
Anode
CA
Common Anode
Cathode
Anode
Cathode
D
Doubler
Cathode
AC
Anode
For information on curves, contact the Factory Representative for
Engineering Assistance.
DR
Doubler, Reverse
Anode
AC
Cathode
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR9103CTN&P
thru
SDR9105CTN&P
ELECTRICAL CHARACTERISTICS (Per Leg)
CHARACTERISTICS
SYMBOL
MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(IF = 25 A, TA = 25
°C, Pulse)
(IF = 50 A, TA = 25
°C, Pulse)
VF1
VF2
1.25
1.55
Vdc
Instantaneous Forward Voltage Drop
(IF = 25 A, TA = 100
°C, Pulse)
(IF = 25 A, TA = -55
°C, Pulse)
VF3
VF4
1.15
1.35
Vdc
Reverse Leakage Current
(Rated VR, TA = 25
°C, Pulse )
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, Pulse )
IR2
10
mA
Junction Capacitance
(VR = 10 V, TA = 25
°C, f = 1 MHz)
CJ
250
pF
Reverse Recovery Time
(IF = 500mA, IR = 1.0A, IRR = 250mA, TA = 25
°C )
trr
40
nsec


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn