Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1.5SMCJ180 Datasheet(PDF) 3 Page - Won-Top Electronics

No. de pieza 1.5SMCJ180
Descripción Electrónicos  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

1.5SMCJ180 Datasheet(HTML) 3 Page - Won-Top Electronics

  1.5SMCJ180 Datasheet HTML 1Page - Won-Top Electronics 1.5SMCJ180 Datasheet HTML 2Page - Won-Top Electronics 1.5SMCJ180 Datasheet HTML 3Page - Won-Top Electronics 1.5SMCJ180 Datasheet HTML 4Page - Won-Top Electronics 1.5SMCJ180 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.5SMCJ180 – 1.5SMCJ220CA
3 of 5
© 2006 Won-Top Electronics
UNI-DIRECTIONAL 1500 WATT SURFACE MOUNT TVS
UNI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
1.5SMCJ180
1.5SMCJ180A
1.5SMCJ190
1.5SMCJ190A
GHS
GHT
GHU
GHV
180.00
180.00
190.00
190.00
198.00
198.00
209.00
209.00
253.80
230.40
267.90
243.20
1
1
1
1
322.0
292.0
340.0
308.0
4.7
5.1
4.4
4.8
1
1
1
1
1.5SMCJ200
1.5SMCJ200A
1.5SMCJ210
1.5SMCJ210A
GHW
GHX
GHY
GHZ
200.00
200.00
210.00
210.00
220.00
220.00
231.00
231.00
282.00
256.00
296.10
268.80
1
1
1
1
358.0
324.0
376.0
340.0
4.1
4.6
4.0
4.4
1
1
1
1
1.5SMCJ220
1.5SMCJ220A
GID
GIE
220.00
220.00
242.00
242.00
310.20
281.60
1
1
394.0
356.0
3.8
4.2
1
1
BI-DIRECTIONAL 1500 WATT SURFACE MOUNT TVS
BI-
DIRECTIONAL
PART NO.
DEVICE
MARKING
CODE
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
1.5SMCJ180C
1.5SMCJ180CA
1.5SMCJ190C
1.5SMCJ190CA
BHS
BHT
BHU
BHV
180.00
180.00
190.00
190.00
198.00
198.00
209.00
209.00
253.80
230.40
267.90
243.20
1
1
1
1
322.0
292.0
340.0
308.0
4.7
5.1
4.4
4.8
1
1
1
1
1.5SMCJ200C
1.5SMCJ200CA
1.5SMCJ210C
1.5SMCJ210CA
BHW
BHX
BHY
BHZ
200.00
200.00
210.00
210.00
220.00
220.00
231.00
231.00
282.00
256.00
296.10
268.80
1
1
1
1
358.0
324.0
376.0
340.0
4.1
4.6
4.0
4.4
1
1
1
1
1.5SMCJ220C
1.5SMCJ220CA
BID
BIE
220.00
220.00
242.00
242.00
310.20
281.60
1
1
394.0
356.0
3.8
4.2
1
1


Número de pieza similar - 1.5SMCJ180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1.5SMCJ180 PANJIT-1.5SMCJ180 Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
1.5SMCJ180 PANJIT-1.5SMCJ180 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMCJ180 PANJIT-1.5SMCJ180 Datasheet
148Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
SUNMATE electronic Co.,...
1.5SMCJ180 SUNMATE-1.5SMCJ180 Datasheet
625Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5SMCJ180A PANJIT-1.5SMCJ180A Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
More results

Descripción similar - 1.5SMCJ180

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com