Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4007 Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza 1N4007
Descripción Electrónicos  1.0A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

1N4007 Datasheet(HTML) 1 Page - Won-Top Electronics

  1N4007 Datasheet HTML 1Page - Won-Top Electronics 1N4007 Datasheet HTML 2Page - Won-Top Electronics 1N4007 Datasheet HTML 3Page - Won-Top Electronics 1N4007 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4001 – 1N4007
1 of 4
© 2006 Won-Top Electronics
Pb
1N4001 – 1N4007
1.0A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: DO-41, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.35 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1N
4001
1N
4002
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 75°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
50
µA
Typical Junction Capacitance (Note 2)
Cj
15
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
50
°C/W
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
DO-41
Dim
Min
Max
A
25.4
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm


Número de pieza similar - 1N4007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4007 DIODES-1N4007 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Components Intern...
1N4007 FCI-1N4007 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
More results

Descripción similar - 1N4007

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
1A1 ZSELEC-1A1 Datasheet
113Kb / 2P
   1.0A STANDARD DIODE
logo
Won-Top Electronics
1A1 WTE-1A1_06 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
1N4001G WTE-1N4001G_06 Datasheet
61Kb / 4P
   1.0A GLASS PASSIVATED STANDARD DIODE
BY133 WTE-BY133_06 Datasheet
59Kb / 4P
   1.0A HIGH VOLTAGE STANDARD DIODE
S1A WTE-S1A_06 Datasheet
47Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
GS1A WTE-GS1A_06 Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
TAITRON Components Inco...
RL101 TAITRON-RL101 Datasheet
182Kb / 5P
   1.0A Standard Rectifier
logo
NTE Electronics
1N4001 NTE-1N4001 Datasheet
235Kb / 2P
   1.0A Standard Recovery Rectifier
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
SF11 WTE-SF11_06 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com