Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1KAXX3MZPH Datasheet(PDF) 3 Page - Sharp Electrionic Components

No. de Pieza. PQ1KAXX3MZPH
Descripción  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1KAXX3MZPH Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Sheet No.: OP06063
Fig.3 Power Dissipation vs. Ambient
Temperature
PQ1KAxx3MZPH Series
Output current IO
(A)
Fig.4 Overcurrent Protection Characteristics
0
12
3
4567
0
1
2
3
4
5
6
7
8
9
10
RL=11Ω
RL=22Ω
RL=∞Ω
Input voltage VIN (V)
Fig.6 Circuit Operating Current vs. Input Voltage
(Typical Value) (PQ1KA333MZPH)
Ta=25°C
CIN=CO=1μF
(Ceramic capacitor)
CN=0.01μF
(Ceramic capacitor)
0
100
200
300
400
500
-40 -25
0
25
50
85
75
125
100
150
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
01
23
4
5
6
7
0
1
2
3
4
RL=110Ω
RL=22Ω
RL=11Ω
Ta=25°C
CIN=CO=1μF
(Ceramic capacitor)
CN=0.01μF
(Ceramic capacitor)
Input voltage VIN (V)
Fig.5 Output Voltage vs. Input Voltage
(Typical Value) (PQ1KA333MZPH)
-40 -20
0
20 40 60
100
80
120 140
0
100
200
300
400
500
600
VIN=VO(TYP.)+1.0V,
VC=1.8V,Io=0mA
Junction temperature Tj (°C)
Fig.7 Quiescent Current vs. Junction
Temperature (Typical Value)
Fig.8 Dropout Voltage vs. Junction Temperature
(Typical Value) (PQ1KA333MZPH)
-40 -20
0
20 40 60
100
80
120 140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Junction temperature Tj (°C)
VIN=Input voltage when output voltage
falls 0.1V from that at VIN=VO(TYP.)+1.0V
VC=1.8V,IO=300mA,
CIN=CO=1μF(Ceramic capacitor)
CN=0.01μF(Ceramic capacitor)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn