Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1KAXX3MZPH Datasheet(PDF) 4 Page - Sharp Electrionic Components

No. de Pieza. PQ1KAXX3MZPH
Descripción  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1KAXX3MZPH Datasheet(HTML) 4 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Sheet No.: OP06063
Fig.10 Dropout Voltage vs. Output Current
(Typical Value)
PQ1KAxx3MZPH Series
0
50
100
150
200
250
300
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current IO (mA)
Ta=25°C,VC=1.8V,VIN=Input voltage when output
voltage falls 0.1V from that at VIN=VO(TYP.)+1.0V
-40 -20
0
20 40 60
100
80
120 140
0
0.1
0.2
0.3
0.4
0.5
Fig.12 Output Peak Current vs. Junction
Temperature (Typical Value)
Junction temperature Tj (°C)
VIN=VO(TYP.)+1.0V
IOP:Output current when output voltage
falls 0.3V from that at IO=30mA.
 Example of application
ON/OFF signal
 
High
: Output ON
: Output OFF
Low or Open
-40 -20
0
20 40 60
100
80
120 140
-40
-50
-30
-20
-10
30
20
10
0
40
50
VIN=4.3V,VC=1.8V,
IO=30mA,
CIN=CO=1μF(Ceramic capacitor)
CN=0.01μF(Ceramic capacitor)
Fig.9 Output Voltage Deviation vs. Junction Temperature
(Typical Value) (PQ1KA333MZPH)
Junction temperature Tj (°C)
0
1
10
100
20
10
0
30
40
50
60
70
80
Ta=25°C,VIN=4.3V,VC=1.8V
IO=30mA,
CO=1μF(Ceramic capacitor)
CN=0.1μF(Ceramic capacitor)
Input ripple frequency f(kHz)
Fig.11 Ripple Rejection vs. Input Ripple Frequency
(Typical Value) (PQ1KA333MZPH)
1
2
4
6
3
VIN
CIN
0.01μF
C
Load
5


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn