Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1KXX3M2ZP Datasheet(PDF) 4 Page - Sharp Electrionic Components

No. de Pieza. PQ1KXX3M2ZP
Descripción  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1KXX3M2ZP Datasheet(HTML) 4 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ1Kxx3M2ZP Series
Fig.9
Quiescent Current vs. Junction
Temperature
Fig.10 Ripple Rejection vs. Input Ripple Frequency
(PQ1K333M2ZP) (Typical Value)
Fig.11 Dropout Voltage vs. Output Current
(PQ1K333M2ZP) (Typical Value)
Fig.12 Output Peak Current vs. Junction
Temperature (Typical Value)
Junction temperature Tj (˚C)
0
–20
20
140
120
80 100
40 60
60
80
0
20
40
100
120
180
160
140
200
–40
VIN=VO (TYP)+1.0V
VC=1.8V, IO=0A
Input ripple frequency f (kHz)
1
10
100
30
0
10
20
40
50
70
60
80
0.1
Ta=25˚C, VIN=4.3V
IO=10mA (RL=330
Ω)
CO=10
µF
Cn=0.1
µF
No Cn
Cn=0.01
µF
Output current IO (mA)
100
200
300
100
0
50
150
250
200
300
0
Ta=25˚C,VC=1.8V,
VIN : Difference between input voltage
when output voltage lowers 0.1V from
VO(TYP.)+1.0V and output voltage
Junction temperature Tj (˚C)
20 40 60 80 100 120 140
0.30
0.20
0.25
0.35
0.55
0.50
0.45
0.40
0.60
–40 –20 0
VIN=VO(TYP.)+1.0V
VC=1.8V
lOP:Output current when output voltage lowers
0.3V in comparison with the value at IO=30mA
1
2
5
6
3
4
VIN
CIN
0.01
µF
CO
+
ON/OFF Signal
High: Output ON
Low or Open: Output OFF
Load
s ON/OFF Operation


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn