Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1LXX3M2SP Datasheet(PDF) 1 Page - Sharp Electrionic Components

No. de Pieza. PQ1LXX3M2SP
Descripción  Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1LXX3M2SP Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
50
Low Power-Loss Voltage Regulators
PQ1Lxx3M2SP Series
PQ1Lxx3M2SP Series
Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
I Outline Dimensions
(Unit : mm)
I Features
G
Compact surface mount package SOT-89 (4.5
×4.3×1.5 mm)
G
Output current : MAX.300mA
G
Power dissipation : MAX.900mW
G
Low power-loss
(Dropout voltage : MAX.0.7 V at IO=300mA)
G
High ripple rejection (TYP. 70dB)
G
Built-in output ON/OFF control function
I Applications
G
CD-ROM drives
G
DVD-ROM drives
G
Digital Still Cameras
•Please refer to the chapter " Handling Precautions ".
I Absolute Maximum Ratings
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
Noise reduction (Nr)
GND
ON/OFF control terminal (VC)
DC input (VIN)
DC output (VO)
Internal connection
Control
circuit
1
2
5
3
4
0.42±
0.1
0.42±
0.1
0.42±
0.1
0.42±
0.1
0.47±
0.1
0.42±
0.1
1.6±
0.2
4.5±
0.2
1
23
5
4
2
Lot No. (DIN standard)
0.4±
0.05
1.5±
0.2
1.5±
0.2
1
2
3
4
5
Parameter
Symbol
Rating
Unit
❇1 All are open except GND and applicable terminals.
❇2 At mounted on PCB
❇3 Overheat protection may operate at 125<=Tj<=150˚C.
(Ta=25˚C)
VIN
VC
IO
PD
Tj
Topr
Tstg
Tsol
16
16
300
900
150
–30 to + 80
–55 to +150
260(For 10s)
V
V
mA
mW
˚C
˚C
˚C
˚C
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
Input voltage
❇1
❇1
❇2
❇3


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn