Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1LXX3M2SP Datasheet(PDF) 2 Page - Sharp Electrionic Components

No. de Pieza. PQ1LXX3M2SP
Descripción  Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1LXX3M2SP Datasheet(HTML) 2 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
51
Low Power-Loss Voltage Regulators
PQ1Lxx3M2SP Series
I Electrical Characteristics
I Output Voltage Line-up
Fig.1
Test Cirsuit
Fig.2
Test Circuit for Ripple Rejection
Load regulation
Output voltage
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Output noise voltage
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
Quienscent current
Output OFF-state dissipation current
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
(Unless otherwise specified, condition shall be VIN
=VO(TYP.)+1V, IO=0.5A,VC=2.7V, Ta=25˚C)
1.8
VO
RegL
RegI
TCVO
RR
Vno(rms)
Vi–o
VC(ON)
IC(ON)
VC(OFF)
Iq
Iqs
Io=5mA to 300mA
Vin=Vo(TYP.)+1V to Vo(TYP.)+6V
Io=10mA, Tj=–25 to +75˚C
10Hz<f<100kHz, IO=30mA, Cn=0.1
µF
IO=300mA ❇5
VC=1.8V
IO=0mA
VC=0.2V
Refer to the table below
35
3
0.05
70
30
0.3
5
150
160
20
0.7
30
0.4
500
1
V
mV
mV
mV/˚C
dB
µV
V
V
µA
V
µA
µA
❇4
❇6
❇4
❇4 Typical value at output voltage is 3.0V type.
❇5 Input voltage when output voltage lowers 100mV from the voltage at Vin=Vo(TYP.)+1.0V.
❇6 In case of opening control terminal
, output voltage turns off.
3
Output voltage
PQ1L303M2SP
PQ1L253M2SP
PQ1L333M2SP
PQ1L503M2SP
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.440
2.940
3.234
4.900
VO
2.5
3.0
3.3
5.0
2.560
3.060
3.366
5.100
V
(VIN=VO(TYP.)+1.0V, IO=30mA, VC=1.8V, Ta=25˚C)
A
+
VIN
VC
IC(ON)
0.01
µF
A
Iq,Iqs
+
10
µF
RL
A
IO
V
4
2
3
5
1
VO
1
µF
+
VIN
VC
0.1
µF
ei
+
10
µF
RL
eo
1
µF
V
+
4
2
3
5
1


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn