Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1MXX5M2SPQ Datasheet(PDF) 3 Page - Sharp Electrionic Components

No. de Pieza. PQ1MXX5M2SPQ
Descripción  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1MXX5M2SPQ Datasheet(HTML) 3 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Sheet No.: OP06037
Fig.3 Power Dissipation vs. Ambient
Temperature
Output current IO
(A)
Fig.4 Overcurrent Protection Characteristics
(Typical Value)
Input voltage VIN (V)
Fig.6 Circuit Operating Current vs. Input Voltage
(Typical Value) (PQ1M335M2SPQ)
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Input voltage VIN (V)
Fig.5 Output Voltage vs. Input Voltage
(Typical Value) (PQ1M335M2SPQ)
Junction temperature Tj (°C)
Fig.7 Quiescent Current vs. Junction
Temperature (Typical Value)
PQ1Mxx5M2SPQ Series
0
100
200
300
400
500
600
700
800
900
1000
-40 -25
0
25
50
85
75
125
100
150
Material
PCB Size
Copper foil area
Thickness of copper
PCB
Copper foil
Mounting PCB
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
25
50
75
100
01
23
4
5
6
7
0
1
2
3
4
RL=∞Ω
RL=13.2Ω
RL=6.6Ω
Ta=25°C
CIN=CO=1μF
(Ceramic capacitor)
CN=0.01μF
(Ceramic capacitor)
0
12
3
4567
0
10
20
30
40
50
RL=∞Ω
RL=13.2Ω
RL=6.6Ω
Ta=25°C
CIN=CO=1μF
(Ceramic capacitor)
CN=0.01μF
(Ceramic capacitor)
-50
-25
0
25
50
75
125
100
200
300
400
500
600
700
800
900
1000
VIN=VO(TYP.)+1.0V
VC=1.8V
IO=0mA


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn