Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1MXX5M2SPQ Datasheet(PDF) 4 Page - Sharp Electrionic Components

No. de Pieza. PQ1MXX5M2SPQ
Descripción  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1MXX5M2SPQ Datasheet(HTML) 4 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Sheet No.: OP06037
Fig.10 Dropout Voltage vs. Output Current
(Typical Value)
Fig.8 Dropout Voltage vs. Junction Temperature
(Typical Value) (PQ1M335M2SPQ)
Junction temperature Tj (°C)
Fig.9 Output Voltage Deviation vs. Junction
Temperature (Typical Value) (PQ1M335M2SPQ)
Junction temperature Tj (°C)
Output current IO (mA)
Input ripple frequency f(kHz)
Fig.11 Ripple Rejection vs. Input Ripple Frequency
(Typical Value) (PQ1M335M2SPQ)
Fig.12 Output Peak Current vs. Junction
Temperature (Typical Value)
Junction temperature Tj (°C)
 Example of application
ON/OFF signal
 
High
: Output ON
Load
: Output OFF
Low or Open
PQ1Mxx5M2SPQ Series
-50
-25
0
25
50
75
125
100
0.30
0.40
0.50
0.60
0.70
0.80
VIN=Input voltage when output voltage
falls 0.1V from that at VIN=VO(TYP.)+1.0V
VC=1.8V,IO=500mA
CIN=CO=1μF(Ceramic capacitor)
CN=0.01μF(Ceramic capacitor)
-50
-25
0
25
50
75
125
100
-40
-50
-30
-20
-10
30
20
10
0
40
50
VIN=4.3V,VC=1.8V,IO=30mA,
CIN=CO=1μF(Ceramic capacitor)
CN=0.01μF(Ceramic capacitor)
0
50 100 150 200 250 300 350 400 450 500
0.4
0.5
0.6
0.3
0.2
0.1
0
Ta=25°C,VC=1.8V
VIN=Input voltage when output voltage
falls 0.1V from that at VIN=VO(TYP.)+1.0V
CIN=CO=1μF(Ceramic capacitor)
CN=0.01μF(Ceramic capacitor)
0.1
1
10
100
20
10
0
30
40
50
60
Ta=25°C,VIN=4.3V,VC=1.8V
IO=30mA,ei(rms)=100mV
CIN=CO=1μF(Ceramic capacitor)
CN=0.1μF(Ceramic capacitor)
70
80
-50
-25
0
25
50
75
125
100
0.40
0.45
0.50
0.55
0.60
0.65
VIN=VO(TYP.)+1.0V
IOP:Output current when output voltage
falls 0.3V from that at IO=30mA.
4
2
1
5
3
VIN
CIN
0.01μF
C


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn