Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PQ1XXX1M2ZPH Datasheet(PDF) 4 Page - Sharp Electrionic Components

No. de Pieza. PQ1XXX1M2ZPH
Descripción  Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SHARP [Sharp Electrionic Components]
Página de inicio  http://sharp-world.com/
Logo 

PQ1XXX1M2ZPH Datasheet(HTML) 4 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Sheet No.: OP06028
PQ1Xxx1M2ZPH Series
Input voltage VIN (V)
0
15
10
5
01234567
RL=
0
0.35
0.3
0.25
0.2
0.15
0.1
0.05
–30–20
80
140
120
100
60
40
20
0
Junction temperatureTj (°C)
VI-O2 : IO=150mA
VI-O1: IO=60mA
–30–20
140
120
100
80
60
40
20
0
Junction temperatureTj (°C)
0
200
180
160
140
120
100
80
60
40
20
VIN=VO +1V
VC=1.8V
IO=0A
0.1
1
10
100
Input ripple frequency f (kHz)
0
90
80
70
60
50
40
30
20
10
No Cn
0
0.3
0.2
0.1
0
50
100
150
Output current IO (mA)
Fig.7 Circuit Operating Current vs. Input Voltage
(PQ1X301M2ZPH)(Typical Value)
Ta=25°C
CIN=1μF
(Ceramic capacitor)
CO=4.7μF
(Ceramic capacitor)
Fig.8 Dropout Voltage vs. Junction Temperature
(PQ1X301M2ZPH)(Typical Value)
VIN :Voltage when output voltage is 95%
Fig.9 Quiescent Current vs. Junction
Temperature (Typical Value)
Cn=0.1μF
Cn=0.01μF
Ta=25°C
VIN=3.8V
VC=1.8V
IO=10mA
ei (rms) =100mV
CO=10μF
F i g.11 Dropout Voltage vs. Output Current
(Typical Value)
Fig.10 R i pple Rejection vs . Input Ripple
Frequency(PQ1X281M2ZPH)(Typical Value)


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn